Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145193 Fiches technique(PDF) 8 Page - Motorola, Inc

No de pièce MC145193
Description  1.1 GHZ PLL FREQUENCY SYNTHESIZER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145193 Fiches technique(HTML) 8 Page - Motorola, Inc

Back Button MC145193 Datasheet HTML 4Page - Motorola, Inc MC145193 Datasheet HTML 5Page - Motorola, Inc MC145193 Datasheet HTML 6Page - Motorola, Inc MC145193 Datasheet HTML 7Page - Motorola, Inc MC145193 Datasheet HTML 8Page - Motorola, Inc MC145193 Datasheet HTML 9Page - Motorola, Inc MC145193 Datasheet HTML 10Page - Motorola, Inc MC145193 Datasheet HTML 11Page - Motorola, Inc MC145193 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MC145193
8
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS – RF AND IF DEVICE DATA
3
4
2
2
1
1
4
3
3 V
5 V
fin (PIN 11)
SOG PACKAGE
Figure 13. Normalized Input Impedance at fin — Series Format (R + jx)
Table 1. Input Impedence at fin — Series Format (R + jx), VCC = 3 V
Marker
Frequency
(GHz)
Resistance
(
Ω)
Reactance
(
Ω)
Capacitance/
Inductance
1
0.5
11.4
–168
1.9 pF
2
1
12.4
–59.4
2.68 pF
Table 2. Input Impedence at fin — Series Format (R + jx), VCC = 5 V
Marker
Frequency
(GHz)
Resistance
(
Ω)
Reactance
(
Ω)
Capacitance/
Inductance
1
0.5
11.8
–175
1.82 pF
2
1
11.5
–64.4
2.47 pF


Numéro de pièce similaire - MC145193

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190DT MOTOROLA-MC145190DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190F MOTOROLA-MC145190F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191DT MOTOROLA-MC145191DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191F MOTOROLA-MC145191F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
More results

Description similaire - MC145193

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB15U10 FUJITSU-MB15U10 Datasheet
350Kb / 19P
   Dual Serial Input PLL Frequency Synthesizer On-Chip 1.1 GHz Prescaler
logo
Toshiba Semiconductor
TB31242FN TOSHIBA-TB31242FN Datasheet
374Kb / 10P
   1.8 GHZ SINGLE PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com