Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ADL5501 Datasheet(Fiches technique) 25 Page - Analog Devices

Numéro de pièce ADL5501
Description  50 MHz to 4 GHz TruPwr Detector
Télécharger  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

ADL5501 Datasheet(HTML) 25 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADL5501
Rev. 0 | Page 25 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-203-AB
0.22
0.08
0.30
0.15
1.00
0.90
0.70
SEATING
PLANE
4
5
6
3
2
1
PIN 1
0.65 BSC
1.30 BSC
0.10 MAX
0.10 COPLANARITY
0.40
0.10
1.10
0.80
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.46
0.36
0.26
Figure 61. 6-Lead Thin Shrink Small Outline Transistor Package [SC-70]
(KS-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
Ordering
Quantity
ADL5501AKSZ-R71
–40°C to +85°C
6-Lead SC-70, 7”Tape and Reel
KS-6
Q0Z
3,000
ADL5501AKSZ-R21
–40°C to +85°C
6-Lead SC-70, 7”Tape and Reel
KS-6
Q0Z
250
ADL5501-EVALZ1
Evaluation Board
1 Z = Pb-free part.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn