Moteur de recherche de fiches techniques de composants électroniques |
|
FC0315RS02QE Fiches technique(PDF) 4 Page - ITT Industries |
|
FC0315RS02QE Fiches technique(HTML) 4 Page - ITT Industries |
4 / 4 page L–44 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com L C&K F Series Miniature ROTA-SLIDE® Rotary Switches CONTACT MATERIAL SEAL E EPOXY SEAL NONE NO SEAL Not available on FCXX models. * Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications. 1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate. 2 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options). All models with all options when ordered with ‘Q’ contact material. NOTE: Any models supplied with Q or B contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. CONTACT AND OPTION CODE TERMINAL MATERIAL RATING Q 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA). LOW LEVEL/DRY CIRCUIT B SILVER 2 POWER 0.4 VA MAX. @ 20 V AC or DC MAX. RoHS COMPLIANT* RoHS COMPATIBLE* YES YES YES YES GOLD 1 |
Numéro de pièce similaire - FC0315RS02QE |
|
Description similaire - FC0315RS02QE |