Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV320DT90EY Fiches technique(PDF) 4 Page - SPANSION

No de pièce AM29LV320DT90EY
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV320DT90EY Fiches technique(HTML) 4 Page - SPANSION

  AM29LV320DT90EY Datasheet HTML 1Page - SPANSION AM29LV320DT90EY Datasheet HTML 2Page - SPANSION AM29LV320DT90EY Datasheet HTML 3Page - SPANSION AM29LV320DT90EY Datasheet HTML 4Page - SPANSION AM29LV320DT90EY Datasheet HTML 5Page - SPANSION AM29LV320DT90EY Datasheet HTML 6Page - SPANSION AM29LV320DT90EY Datasheet HTML 7Page - SPANSION AM29LV320DT90EY Datasheet HTML 8Page - SPANSION AM29LV320DT90EY Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
4Am29LV320D
November 15, 2004
GENERAL DESCRIPTION
T he Am29LV320D is a 32 megabit, 3.0
volt-only flash memory device, organized as
2,097,152 words of 16 bits each or 4,194,304
bytes of 8 bits each. Word mode data appears
on DQ0–DQ15; byte mode data appears on
DQ0–DQ7. The device is designed to be pro-
grammed in-system with the standard 3.0 volt
VCC supply, and can also be programmed in
standard EPROM programmers.
The device is available with an access time of
90 or 120 ns. The devices are offered in 48-pin
TSOP and 48-ball FBGA packages. Standard
control pins—chip enable (CE#), write enable
(WE#), and output enable (OE#)—control nor-
mal read and write operations, and avoid bus
contention issues.
The device requires only a single 3.0 volt
power supply for both read and write func-
tions. Internally generated and regulated volt-
ages are provided for the program and erase
operations.
Am29LV320D Features
The SecSiTM Sector (Secured Silicon) is an
extra sector capable of being permanently
locked by AMD or customers. The SecSi Indi-
cator Bit (DQ7) is permanently set to a 1 if the
part is factory locked, and set to a 0 if cus-
tomer lockable. This way, customer lockable
parts can never be used to replace a factory
locked part. Note that the Am29LV320D has
a SecSi Sector size of 64 Kbytes. AMD de-
vices designated as replacements or sub-
stitutes, such as the Am29LV320M, have
256 bytes. This should be considered dur-
ing system design.
Factory locked parts provide several options.
The SecSi Sector may store a secure, random
16 byte ESN (Electronic Serial Number), cus-
tomer code (programmed through AMD’s Ex-
p r e ssF l a sh s e rv ic e), or bo th . C us to m er
Lockable parts may utilize the SecSi Sector as
bonus space, reading and writing like any other
flash sector, or may permanently lock their own
code there.
The device offers complete compatibility with
the JEDEC single-power-supply Flash com-
mand set standard. Commands are written to
the command register using standard micro-
processor write timings. Reading data out of
the device is similar to reading from other Flash
or EPROM devices.
The host system can detect whether a program
or erase operation is complete by using the de-
vice status bits: RY/BY# pin, DQ7 (Data# Poll-
ing) and DQ6/DQ2 (toggle bits). After a
program or erase cycle is completed, the device
automatically returns to the read mode.
The sector erase architecture allows mem-
ory sectors to be erased and reprogrammed
without affecting the data contents of other
sectors. The device is fully erased when
shipped from the factory.
Hardware data protection measures include
a low VCC detector that automatically inhibits
write operations during power transitions. The
hardware sector protection feature disables
both program and erase operations in any com-
bination of the sectors of memory. This can be
achieved in-system or via programming equip-
ment.
The device offers two power-saving features.
When addresses are stable for a specified
amount of time, the device enters the auto-
matic sleep mode. The system can also place
the device into the standby mode. Power con-
sumption is greatly reduced in both modes.


Numéro de pièce similaire - AM29LV320DT90EY

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV320DT90EC AMD-AM29LV320DT90EC Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DT90ED AMD-AM29LV320DT90ED Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DT90EF AMD-AM29LV320DT90EF Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DT90EI AMD-AM29LV320DT90EI Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Description similaire - AM29LV320DT90EY

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV320D AMD-AM29LV320D Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320MT AMD-AM29LV320MT Datasheet
946Kb / 61P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116D AMD-AM29LV116D_06 Datasheet
755Kb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116B AMD-AM29LV116B Datasheet
544Kb / 40P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com