Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-D155-100A1 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HLMP-D155-100A1 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 6 page 2 Selection Guide Luminous Intensity Iv (mcd) at 1 mA 2 θθθθθ 1/2 [1] Package Package Description Device HLMP- Min. Typ. Max. Degree Outline T-1 3/4 Red Tinted Diffused D150 1.3 3.0 – 65 A D150-C00xx 1.3 3.0 – 65 A D150-CD0xx 1.3 3.0 4.2 65 A T-1 3/4 Red Untinted Non-diffused D155 5.4 10.0 – 24 B D155-F00xx 5.4 10.0 – 24 B T-1 Red Tinted Diffused K150 1.3 2.0 – 60 C K150-C00xx 1.3 2.0 – 60 C K150-CD0xx 1.3 3.0 4.2 60 C T-1 Red Untinted Non-diffused K155 2.1 3.0 – 45 C K155-CD0xx 1.3 3.0 4.2 45 C K155-D00xx 2.1 3.0 – 45 C K155-DE0xx 2.1 3.0 6.8 45 C Note: 1. θ 1/2 is the off axis angle from lamp centerline where the luminous intensity is 1/2 the on-axis value. Part Numbering System HLMP - x 1 xx - x x x xx Mechanical Option 00: Bulk 01: Tape & Reel, Crimped Leads 02: Tape & Reel, Straight Leads A1, B1: Right Angle Housing, Uneven Leads A2, B2: Right Angle Housing, Even Leads DD, DH: Ammo Pack Color Bin Optioms 0: Full color bin distribution Maximum Iv Bin Options 0: Open (No max. limit) Others: Please refer to the Iv bin table Minimum Iv Bin Options Please refer to the Iv bin table Lens Option 50: Tinted, Diffused 55: Untinted, Nondiffused Package Options D: T-13/4 (5 mm) K: T-1 (3 mm) |
Numéro de pièce similaire - HLMP-D155-100A1 |
|
Description similaire - HLMP-D155-100A1 |