Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7610BCPZ-RL Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7610BCPZ-RL
Description  16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7610BCPZ-RL Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7610BCPZ-RL Datasheet HTML 4Page - Analog Devices AD7610BCPZ-RL Datasheet HTML 5Page - Analog Devices AD7610BCPZ-RL Datasheet HTML 6Page - Analog Devices AD7610BCPZ-RL Datasheet HTML 7Page - Analog Devices AD7610BCPZ-RL Datasheet HTML 8Page - Analog Devices AD7610BCPZ-RL Datasheet HTML 9Page - Analog Devices AD7610BCPZ-RL Datasheet HTML 10Page - Analog Devices AD7610BCPZ-RL Datasheet HTML 11Page - Analog Devices AD7610BCPZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD7610
Rev. 0 | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AGND
AVDD
AGND
BYTESWAP
OB/2C
SER/PAR
D0
D1
D2/DIVSCLK[0]
D3/DIVSCLK[1]
OGND
OGND
BIPOLAR
CNVST
PD
RESET
CS
RD
TEN
BUSY
D15/SCCS
D14/SCCLK
D13/SCIN
D12/HW/SW
48 47 46 45 44 43 42 41 40 39 38 37
35
34
33
30
31
32
36
29
28
27
25
26
2
3
4
7
6
5
1
8
9
10
12
11
13 14 15 16 17 18 19 20 21 22 23 24
PIN 1
AD7610
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 3, 42
AGND
P
Analog Power Ground Pins. Ground reference point for all analog I/O. All analog I/O should be referenced to
AGND and should be connected to the analog ground plane of the system. In addition, the AGND, DGND, and
OGND voltages should be at the same potential.
2, 44
AVDD
P
Analog Power Pins. Nominally 4.75 V to 5.25 V and decoupled with 10 μF and 100 nF capacitors.
4
BYTESWAP
DI
Parallel Mode Selection (8-Bit/16-Bit). When high, the LSB is output on D[15:8] and the MSB is output on
D[7:0]; when low, the LSB is output on D[7:0] and the MSB is output on D[15:8].
5
OB/2C
DI2
Straight Binary/Binary Twos Complement Output. When high, the digital output is straight binary. When low,
the MSB is inverted resulting in a twos complement output from its internal shift register.
6, 7, 17
OGND
P
Input/Output Interface Digital Power Ground. Ground reference point for digital outputs. Should be
connected to the system digital ground ideally at the same potential as AGND and DGND.
8
SER/PAR
DI
Serial/Parallel Selection Input.
When SER/PAR = low, the parallel mode is selected.
When SER/PAR = high, the serial modes are selected. Some bits of the data bus are used as a serial port and
the remaining data bits are high impedance outputs.
9, 10
D[0:1]
DO
Bit 0 and Bit 1 of the parallel port data output bus. These pins are always outputs regardless of the state of
SER/PAR.
11, 12
D[2:3] or
DI/O
In parallel mode, these outputs are used as Bit 2 and Bit 3 of the parallel port data output bus.
DIVSCLK[0:1]
Serial Data Division Clock Selection. In serial master read after convert mode (SER/PAR = high,
EXT/INT = low, RDC/SDIN = low) these inputs can be used to slow down the internally generated serial data
clock that clocks the data output. In other serial modes, these pins are high impedance outputs.
13
D4 or
DI/O
In parallel mode, this output is used as Bit 4 of the parallel port data output bus.
EXT/INT
Serial Data Clock Source Select. In serial mode, this input is used to select the internally generated (master) or
external (slave) serial data clock for the AD7610 output data.
When EXT/INT = low, master mode; the internal serial data clock is selected on SDCLK output.
When EXT/INT = high, slave mode; the output data is synchronized to an external clock signal (gated by CS)
connected to the SDCLK input.


Numéro de pièce similaire - AD7610BCPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7610BCPZ-RL AD-AD7610BCPZ-RL Datasheet
684Kb / 33P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
More results

Description similaire - AD7610BCPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7610 AD-AD7610_15 Datasheet
627Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7612 AD-AD7612 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7612 AD-AD7612_17 Datasheet
582Kb / 33P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7612 AD-AD7612_15 Datasheet
525Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
AD7631 AD-AD7631 Datasheet
333Kb / 14P
   18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
Rev. PrC
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com