Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM14J72S205Q3 Fiches technique(PDF) 2 Page - ITT Industries

No de pièce DM14J72S205Q3
Description  Miniature Illuminated Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DM14J72S205Q3 Fiches technique(HTML) 2 Page - ITT Industries

  DM14J72S205Q3 Datasheet HTML 1Page - ITT Industries DM14J72S205Q3 Datasheet HTML 2Page - ITT Industries DM14J72S205Q3 Datasheet HTML 3Page - ITT Industries DM14J72S205Q3 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
H–76
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K DM Series
Miniature Illuminated Power Rocker Switches
SWITCH FUNCTION
ACTUATOR
HOUSING STYLE/COLOR
2B
1B
Actuator shown in pos. 1 – 'ON' position.
SPST
DPST
OPEN
OPEN
1-1A
1-1A, 2-2A
OFF
OFF
ON
ON
3
10
3
10
DM14
DM54
DM24
DM64
SP
DP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
AMP
RATING*
MODEL
NO.
NO.
POLES
DPDT
Part number shown: DM24J72S205Q3
SPST models (DM14 & DM54),
omit terminals 2 and 2A.
* RATINGS: DM14 and DM24 models: 3 AMPS @ 125 V AC; 2 AMPS @ 250 V AC. DM54 and DM64 models: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC.
All models
with all options.
S2
SNAP-IN, BLACK
J7
ROCKER WITH COLORLESS LED WINDOW
NOTE: Other colors available, consult
Customer Service Center.
NOTE: Housing finish: matte. Other colors
available, consult Customer Service Center.
2
BLACK
1
WHITE
ACTUATOR
COLOR
OPTION
CODE
1A
1
2A
2
3
4
3
11A
4


Numéro de pièce similaire - DM14J72S205Q3

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
More results

Description similaire - DM14J72S205Q3

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
CW Industries
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4012-0000 CWIND-GRL-4012-0000 Datasheet
189Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0021 CWIND-GRL-4011-0021 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0012 CWIND-GRL-4021-0012 Datasheet
194Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com