Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA00COM-E10SL-1SW-B-03 Fiches technique(PDF) 39 Page - ITT Industries

No de pièce CA00COM-E10SL-1SW-B-03
Description  Industrial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

CA00COM-E10SL-1SW-B-03 Fiches technique(HTML) 39 Page - ITT Industries

Back Button CA00COM-E10SL-1SW-B-03 Datasheet HTML 34Page - ITT Industries CA00COM-E10SL-1SW-B-03 Datasheet HTML 35Page - ITT Industries CA00COM-E10SL-1SW-B-03 Datasheet HTML 36Page - ITT Industries CA00COM-E10SL-1SW-B-03 Datasheet HTML 37Page - ITT Industries CA00COM-E10SL-1SW-B-03 Datasheet HTML 38Page - ITT Industries CA00COM-E10SL-1SW-B-03 Datasheet HTML 39Page - ITT Industries CA00COM-E10SL-1SW-B-03 Datasheet HTML 40Page - ITT Industries CA00COM-E10SL-1SW-B-03 Datasheet HTML 41Page - ITT Industries CA00COM-E10SL-1SW-B-03 Datasheet HTML 42Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
39
CA-COM
Hand crimp tool
Dimensions (closed, without locator)
220 x 60 x 22 mm
Weight (without turret) approx. 800 g
Pneumatic crimp tool
Pneumatic table crimp tool WA 27F-CE
Hydraulic hand crimp tool
Technical Data
Hand pump:
Length
560 mm
Width
140 mm
Hight
120 mm
Oil contents
900 cm3
Usable oil quality
730 cm3
Output per lift
2,5 cm3
High pressure hose:
Length
2 m
Crimp head:
Crimp force
120 kN
Lift (with positioners)
25 mm
Weight (incl. oil)
13 kg approx.
Insertion tools / Extraction tools
Insertion tool
Insertion pliers
Extraction tool
1
Hand pump
2
Foot pedal
3
High pressure hose 2 m
4
Crimp head
5
Safety device incl. bench mounting
6
Positioner
(to be used with 121086-3079 only)
#1171_CA-COM_englisch_250900
18.10.2000, 8:23 Uhr
39


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn