Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX6689 Fiches technique(PDF) 6 Page - Maxim Integrated Products

No de pièce MAX6689
Description  7-Channel Precision Temperature Monitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6689 Fiches technique(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6689 Datasheet HTML 2Page - Maxim Integrated Products MAX6689 Datasheet HTML 3Page - Maxim Integrated Products MAX6689 Datasheet HTML 4Page - Maxim Integrated Products MAX6689 Datasheet HTML 5Page - Maxim Integrated Products MAX6689 Datasheet HTML 6Page - Maxim Integrated Products MAX6689 Datasheet HTML 7Page - Maxim Integrated Products MAX6689 Datasheet HTML 8Page - Maxim Integrated Products MAX6689 Datasheet HTML 9Page - Maxim Integrated Products MAX6689 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Detailed Description
The MAX6689 is a precision multichannel temperature
monitor that features one local and six remote tempera-
ture-sensing channels with a programmable alert
threshold for each temperature channel and a program-
mable overtemperature threshold for channels 1, 4, 5,
and 6 (see Figure 1). Communication with the MAX6689
is achieved through the SMBus serial interface and a
dedicated alert pin. The alarm outputs, OVERT and
ALERT, assert if the software-programmed temperature
thresholds are exceeded. ALERT typically serves as an
interrupt, while OVERT can be connected to a fan, sys-
tem shutdown, or other thermal-management circuitry.
ADC Conversion Sequence
In the default conversion mode, the MAX6689 starts the
conversion sequence by measuring the temperature on
channel 1, followed by 2, 3, local channel, 4, 5, and 6.
The conversion result for each active channel is stored
in the corresponding temperature data register.
In some systems, one of the remote thermal diodes may
be monitoring a location that experiences temperature
changes that occur much more rapidly than in the other
channels. If faster temperature changes must be moni-
tored in one of the temperature channels, the MAX6689
allows channel 1 to be monitored at a faster rate than
the other channels. In this mode (set by writing a 1 to bit
4 of the configuration 1 register), measurements of
channel 1 alternate with measurements of the other
channels. The sequence becomes channel 1, channel
2, channel 1, channel 3, channel 1, etc. Note that the
time required to measure all seven channels is consid-
erably greater in this mode than in the default mode.
Low-Power Standby Mode
Enter software standby mode by setting the STOP bit to
1 in the configuration 1 register. Enter hardware standby
by pulling STBY low. Software standby mode disables
the ADC and reduces the supply current to approxi-
mately 30µA. Hardware standby mode halts the ADC
clock, but the supply current is approximately 350µA.
During either software or hardware standby, data is
retained in memory, and the SMBus interface is active
and listening for SMBus commands. The timeout is
enabled if a start condition is recognized on SMBus.
Activity on the SMBus causes the supply current to
increase. If a standby command is received while a con-
version is in progress, the conversion cycle is interrupt-
ed, and the temperature registers are not updated. The
previous data is not changed and remains available.
7-Channel Precision Temperature Monitor
6
_______________________________________________________________________________________
PIN
NAME
FUNCTION
9
DXP5
Combined Current Source and A/D Positive Input for Channel 5 Remote Diode. Connect to the anode
of a remote-diode-connected temperature-sensing transistor. Leave floating or connect to DXN5 if no
remote diode is used. Place a 2200pF capacitor between DXP5 and DXN5 for noise filtering.
10
DXN5
Cathode Input for Channel 5 Remote Diode. Connect the cathode of the channel 1 remote-diode-
connected transistor to DXN5.
11
DXN6
Cathode Input for Channel 6 Remote Diode. Connect the cathode of the channel 1 remote-diode-
connected transistor to DXN6.
12
DXP6
Combined Current Source and A/D Positive Input for Channel 6 Remote Diode. Connect to the anode
of a remote-diode-connected temperature-sensing transistor. Leave floating or connect to DXN6 if no
remote diode is used. Place a 2200pF capacitor between DXP6 and DXN6 for noise filtering.
13
STBY
Active-Low Standby Input. Drive STBY logic-low to place the MAX6689 in standby mode, or logic-high
for operate mode. Temperature and threshold data are retained in standby mode.
14
N.C.
No Connection. Must be connected to ground.
15
OVERT
Overtemperature Active-Low, Open-Drain Output. OVERT asserts low when the temperature of
channels 1, 4, 5, and 6 exceeds the programmed threshold limit.
16
VCC
Supply Voltage Input. Bypass to GND with a 0.1µF capacitor.
17
ALERT
SMBus Alert (Interrupt), Active-Low, Open-Drain Output. ALERT asserts low when the temperature of
any channel exceeds the programmed ALERT threshold.
18
SMBDATA
SMBus Serial-Data Input/Output. Connect to a pullup resistor.
19
SMBCLK
SMBus Serial-Clock Input. Connect to a pullup resistor.
20
GND
Ground
Pin Description (continued)


Numéro de pièce similaire - MAX6689

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX6689EP34++ MAXIM-MAX6689EP34+ Datasheet
234Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6689EP38++ MAXIM-MAX6689EP38+ Datasheet
234Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6689EP9A++ MAXIM-MAX6689EP9A+ Datasheet
234Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6689EP9E++ MAXIM-MAX6689EP9E+ Datasheet
234Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6689UP34++ MAXIM-MAX6689UP34+ Datasheet
234Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 1; 8/07
More results

Description similaire - MAX6689

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX6697 MAXIM-MAX6697_09 Datasheet
240Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 3; 5/09
MAX6697 MAXIM-MAX6697 Datasheet
288Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 1/05
MAX6689 MAXIM-MAX6689_07 Datasheet
234Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6636 MAXIM-MAX6636 Datasheet
201Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6693 MAXIM-MAX6693 Datasheet
172Kb / 19P
   7-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 5/08
MAX6699 MAXIM-MAX6699 Datasheet
310Kb / 19P
   5-Channel Precision Temperature Monitor
Rev 0; 12/05
MAX6622 MAXIM-MAX6622 Datasheet
195Kb / 18P
   5-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6602 MAXIM-MAX6602 Datasheet
608Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 0; 7/06
MAX6602 MAXIM-MAX6602_07 Datasheet
207Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6699 MAXIM-MAX6699_07 Datasheet
301Kb / 19P
   5-Channel Precision Temperature Monitor
Rev 2; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com