Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD74LV1GT126A Fiches technique(PDF) 6 Page - Hitachi Semiconductor

No de pièce HD74LV1GT126A
Description  Bus Buffer Gate with 3-state Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV1GT126A Fiches technique(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74LV1GT126A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV1GT126A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV1GT126A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV1GT126A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV1GT126A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV1GT126A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV1GT126A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV1GT126A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV1GT126A Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LV1GT126A
6
Switching Characteristics
•V
CC = 5.0 ± 0.5 V
Item
Symbol
T
a = 25°C
T
a = –40 to 85°C
Unit Test
FROM
TO
Min
Typ
Max
Min
Max
Conditions (Input)
(Output)
Propagation
t
PLH
3.5
5.5
1.0
6.5
ns
C
L = 15 pF
A
Y
delay time
t
PHL
4.6
7.5
1.0
8.5
C
L = 50 pF
Enable time
t
ZH
3.6
5.1
1.0
6.0
ns
C
L = 15 pF
OE
Y
t
ZL
4.6
7.1
1.0
8.0
C
L = 50 pF
Disable time
t
HZ
3.3
6.8
1.0
8.0
ns
C
L = 15 pF
OE
Y
t
LZ
4.3
8.8
1.0
10.0
C
L = 50 pF
Operating Characteristics
•C
L = 50 pF
Item
Symbol
V
CC (V)
T
a = 25°C
Unit
Test Conditions
Min
Typ
Max
Power dissipation
capacitance
C
PD
5.0
11.5
pF
f = 10 MHz


Numéro de pièce similaire - HD74LV1GT126A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74LV1GT126A RENESAS-HD74LV1GT126A Datasheet
113Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
HD74LV1GT126ACME RENESAS-HD74LV1GT126ACME Datasheet
113Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
HD74LV1GT126ACME RENESAS-HD74LV1GT126ACME Datasheet
149Kb / 10P
   Bus Buffer Gate with 3?뱒tate Output /
HD74LV1GT126AVSE RENESAS-HD74LV1GT126AVSE Datasheet
113Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
HD74LV1GT126AVSE RENESAS-HD74LV1GT126AVSE Datasheet
149Kb / 10P
   Bus Buffer Gate with 3?뱒tate Output /
More results

Description similaire - HD74LV1GT126A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125_15 Datasheet
122Kb / 15P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74LV1G125A HITACHI-HD74LV1G125A Datasheet
59Kb / 11P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125 Datasheet
97Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A Datasheet
95Kb / 12P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A_08 Datasheet
115Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74ALVC1G126 RENESAS-HD74ALVC1G126 Datasheet
92Kb / 13P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74ALVC1G125 HITACHI-HD74ALVC1G125 Datasheet
110Kb / 13P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G126 RENESAS-HD74ALVC1G126_15 Datasheet
116Kb / 15P
   Bus Buffer Gate with 3-state Output
HD74LV1G125A RENESAS-HD74LV1G125A_08 Datasheet
120Kb / 8P
   Bus Buffer Gate with 3-state Output
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com