Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

D101J12S215QA Fiches technique(PDF) 4 Page - ITT Industries

No de pièce D101J12S215QA
Description  Miniature Snap-in Power Rocker Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

D101J12S215QA Fiches technique(HTML) 4 Page - ITT Industries

  D101J12S215QA Datasheet HTML 1Page - ITT Industries D101J12S215QA Datasheet HTML 2Page - ITT Industries D101J12S215QA Datasheet HTML 3Page - ITT Industries D101J12S215QA Datasheet HTML 4Page - ITT Industries D101J12S215QA Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K D Series
Miniature Snap-in Power Rocker Switches
TERMINATIONS
TERMINATIONS
ACTUATORS
ON
OFF
O
O
I
SP
DP
SP
DP
PC MOUNTING
(02 and 06)
SP
DP
SP
DP
PC MOUNTING
A
RIGHT ANGLE, PC THRU-HOLE
02
PC THRU-HOLE
15
QUICK CONNECT
06
EXTENDED PC THRU-HOLE
05
TWISTED QUICK CONNECT
17
WIRABLE QUICK CONNECT
NONE NO MARKING
D ON-OFF
H O |
N LARGE DOT
U LARGE DOT ON END
P O –
R RED RECTANGLE
ON END
Available with D101, D102, D501, D502 SP models only.
Available with DX01 and DX02 models only.
Available with DX01 and DX02 models only.
‘D, H, P & U’ marking options: marking color white, standard for all actuator colors except white. Black marking color, standard
for white actuators. ‘R & N’ marking option: red marking color, standard. Consult Customer Service Center for other available marking colors.
NOTE: Terminals are twisted.
Available with DX01 and DX02 models only.
NOTE: Orientation of actuator
markings and terminals.
Available with DX01 and DX02 models only.
H–65


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
DM14J72S205Q3 Miniature Illuminated Power Rocker Switches 1  2  3  4  ITT Industries
DM21J12S205Q Miniature 2 Pole Power Rocker Switches 1  2  3  4  ITT Industries
CL101J72S205QA Single Pole Power Rocker Switches 1  2  3  4  ITT Industries
9201J1ZQE2 Power Rocker and Lever Handle Switches 1  2  3  4  5  ITT Industries
E101J1ABE22 Sealed Miniature Rocker and Lever Handle Switches 1  2  3  4  5  More ITT Industries
C121J12S205QA Power Rocker Switches 1  2  3  ITT Industries
CA01J12207Q Power Rocker Switches 1  2  3  4  ITT Industries
CN201J12S215Q Double Pole Power Rocker Switches 1  2  3  4  ITT Industries
CA04J137207Q Illuminated Power Rocker Switches 1  2  3  4  ITT Industries
CM101J12S205QA Single Pole Power Rocker Switches 1  2  3  4  ITT Industries

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn