Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

D101J12S215QA Fiches technique(PDF) 2 Page - ITT Industries

No de pièce D101J12S215QA
Description  Miniature Snap-in Power Rocker Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

D101J12S215QA Fiches technique(HTML) 2 Page - ITT Industries

  D101J12S215QA Datasheet HTML 1Page - ITT Industries D101J12S215QA Datasheet HTML 2Page - ITT Industries D101J12S215QA Datasheet HTML 3Page - ITT Industries D101J12S215QA Datasheet HTML 4Page - ITT Industries D101J12S215QA Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K D Series
Miniature Snap-in Power Rocker Switches
SWITCH FUNCTION
ACTUATOR SHOWN IN POSITION 1
DPST
DPDT
OPEN
1-1B, 2-2B
N/A
OPEN
N/A
1-1A, 2-2A
OFF
ON
NONE
NONE
OFF
NONE
ON
ON
MOM.
4
10
4
10
4
10
D202
D602
D201
D601
D203
D608
DP
SPST
SPDT
OPEN
1-1B
N/A
OPEN
N/A
1-1A
OFF
ON
MOM.
ON
NONE
NONE
OFF
OFF
NONE
ON
ON
MOM.
MOM.
4
10
4
10
4
10
4
4
10
D102
D502
D101
D501
D103
D503
D105
D108
D508
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
AMP
RATING*
MODEL
NO.
NO.
POLES
DPDT
SPDT
Part number shown: D101J12S215QA
Part number shown: D201J12S215QA
MOM. = Momentary
*AMP RATING: D10X and D20X models: 4 AMPS @ 125 V AC; 2 AMPS @ 250 V AC. D50X and D60X models: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC.
All models
. DX01, DX02 models also available with
. See CONTACT MATERIALS, page H-68.
1
1A
1
1A
1B
1A
1B
1
2
1A
2A
1
2
1A
1B
2A
2
H–63


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
DM14J72S205Q3 Miniature Illuminated Power Rocker Switches 1  2  3  4  ITT Industries
DM21J12S205Q Miniature 2 Pole Power Rocker Switches 1  2  3  4  ITT Industries
CL101J72S205QA Single Pole Power Rocker Switches 1  2  3  4  ITT Industries
9201J1ZQE2 Power Rocker and Lever Handle Switches 1  2  3  4  5  ITT Industries
E101J1ABE22 Sealed Miniature Rocker and Lever Handle Switches 1  2  3  4  5  More ITT Industries
C121J12S205QA Power Rocker Switches 1  2  3  ITT Industries
CA01J12207Q Power Rocker Switches 1  2  3  4  ITT Industries
CN201J12S215Q Double Pole Power Rocker Switches 1  2  3  4  ITT Industries
CA04J137207Q Illuminated Power Rocker Switches 1  2  3  4  ITT Industries
CM101J12S205QA Single Pole Power Rocker Switches 1  2  3  4  ITT Industries

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn