Moteur de recherche de fiches techniques de composants électroniques |
|
CD16RK1CBR Fiches technique(PDF) 2 Page - ITT Industries |
|
CD16RK1CBR Fiches technique(HTML) 2 Page - ITT Industries |
2 / 4 page Dimensions are shown: Inch (mm ) Specifications and dimensions subject to change www.ittcannon.com I-29 I SWITCHES WITH STANDARD OPTIONS 8 C 2 1 C 4 F 1 0 1 C 4 8 C 2 .300 (7,62) .032 TYP. (0.81) .100 TYP. (2,54) .315 (8,00) .200 (5.08) .100 (2,54) .168 (4,27) .305 (7,75) .010 TYP (0,25) .125 TYP (3,18) .025 TYP (0,64) .020 TYP (0,51) NO. QUANTITY PART NUMBER POS. PER TUBE CD08RM0CK 860 CD10RM0CK 10 60 CD16RM0CK 16 60 C&K CD Series 8mm DIP Coded Rotary Switches .200 (5,08) .100 TYP. (2,54) Ø.032 (0,81) TYP. .050. (1,27) .200 (5,08) .100 (2,54) .020 TYP. (0,51) .010 (0,25) .183 (4,64) TYP. .025 (0,64) .025 (0,64) .132 (3,34) .025 TYP. (0,64) STAND-OFF .315 (8,00) .330 (8,36) .315 (8,00) .099 (2,52) 1C 4 .200 (5,08) 8 1 3 2 1 C 4 8 C 2 .020 TYP. (0,51) .010 THK. (0,25) .040 TYP. (1,02) .315 (8,00) .315 (8,00) .200 (5,08) .390 (9,90) .174 (4,41) .006 (0,15) .100 (2,54) 8 C 2 1 C 4 .200 (5,08) .100 TYP. (2,54) .080 (2,03) .050 (1,27) TYP. .430 (10,92) 0 9 1 1 C 4 8 C 2 PC Mount Surface Mount CD16RM0CK CD10RM0AK CD10RM0SK NO. QUANTITY PART NUMBER POS. PER TUBE CD08RM0AK 860 CD10RM0AK 10 60 CD16RM0AK 16 60 NO. QUANTITY PART NUMBER POS. PER TUBE CD08RM0SK 860 CD10RM0SK 10 60 CD16RM0SK 16 60 Right Angle Mount Note: For tape and reel packaging, add ‘R’ to end of part number. |
Numéro de pièce similaire - CD16RK1CBR |
|
Description similaire - CD16RK1CBR |