Moteur de recherche de fiches techniques de composants électroniques |
|
DF52J12S215QA Fiches technique(PDF) 4 Page - ITT Industries |
|
DF52J12S215QA Fiches technique(HTML) 4 Page - ITT Industries |
4 / 4 page Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com H C&K DF Series Power Rocker Switches ACTUATOR MARKINGS CONTACT MATERIAL AVAILABLE HARDWARE ON OFF O O I 1A 1 ‘D, H, & P’ marking options: marking color white, standard for all actuator colors except white. Marking color black, standard for white actuators. Consult Customer Service Center for other available marking colors. NOTE: Orientation of actuator markings and terminals. NONE NO MARKING D ON-OFF H O | P O – 1 CONTACTS: Fine silver, silver plated. 2 TERMINALS: Copper, silver plated. NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options, models with ‘15’ termination and ‘QF’ contact material also . * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. Actuator Guard PART NO. 285B02000 Material: Nylon 6/6 Finish: Matte H-82 16 AMPS @ 125, 250 V AC; 1/4 HP @ 125 V AC; 1/2 HP @ 250 V AC; 6 AMPS @ 48 V DC (UL/CSA). 16 AMPS @ 125, 250 V AC; 1/4 HP @ 125 V AC; 1/2 HP @ 250 V AC (UL/CSA). 16(2) AMPS @ 250 V AC, T100 (VDE); DF52 & DF62: 6 AMPS @ 48 V DC (VDE). RATINGS CONTACT AND TERMINAL MATERIAL SILVER 1,2 POWER RoHS COMPLIANT * RoHS COMPATIBLE * OPTION CODE QA QF YES YES YES YES |
Numéro de pièce similaire - DF52J12S215QA |
|
Description similaire - DF52J12S215QA |