Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA00COM-E10SL-1SW-B-01 Fiches technique(PDF) 39 Page - ITT Industries

No de pièce CA00COM-E10SL-1SW-B-01
Description  Industrial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

CA00COM-E10SL-1SW-B-01 Fiches technique(HTML) 39 Page - ITT Industries

Back Button CA00COM-E10SL-1SW-B-01 Datasheet HTML 34Page - ITT Industries CA00COM-E10SL-1SW-B-01 Datasheet HTML 35Page - ITT Industries CA00COM-E10SL-1SW-B-01 Datasheet HTML 36Page - ITT Industries CA00COM-E10SL-1SW-B-01 Datasheet HTML 37Page - ITT Industries CA00COM-E10SL-1SW-B-01 Datasheet HTML 38Page - ITT Industries CA00COM-E10SL-1SW-B-01 Datasheet HTML 39Page - ITT Industries CA00COM-E10SL-1SW-B-01 Datasheet HTML 40Page - ITT Industries CA00COM-E10SL-1SW-B-01 Datasheet HTML 41Page - ITT Industries CA00COM-E10SL-1SW-B-01 Datasheet HTML 42Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
39
CA-COM
Hand crimp tool
Dimensions (closed, without locator)
220 x 60 x 22 mm
Weight (without turret) approx. 800 g
Pneumatic crimp tool
Pneumatic table crimp tool WA 27F-CE
Hydraulic hand crimp tool
Technical Data
Hand pump:
Length
560 mm
Width
140 mm
Hight
120 mm
Oil contents
900 cm3
Usable oil quality
730 cm3
Output per lift
2,5 cm3
High pressure hose:
Length
2 m
Crimp head:
Crimp force
120 kN
Lift (with positioners)
25 mm
Weight (incl. oil)
13 kg approx.
Insertion tools / Extraction tools
Insertion tool
Insertion pliers
Extraction tool
1
Hand pump
2
Foot pedal
3
High pressure hose 2 m
4
Crimp head
5
Safety device incl. bench mounting
6
Positioner
(to be used with 121086-3079 only)
#1171_CA-COM_englisch_250900
18.10.2000, 8:23 Uhr
39


Numéro de pièce similaire - CA00COM-E10SL-1SW-B-01

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
CA00COM-E18-1PW-B-01 ITT-CA00COM-E18-1PW-B-01 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA00COM-E18-1PW-B-01 ITT-CA00COM-E18-1PW-B-01 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA00COM-E18-1PW-B-03 ITT-CA00COM-E18-1PW-B-03 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA00COM-E18-1PW-B-03 ITT-CA00COM-E18-1PW-B-03 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA00COM-E18-1PW-B-06 ITT-CA00COM-E18-1PW-B-06 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
More results

Description similaire - CA00COM-E10SL-1SW-B-01

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
1607689 PHOENIX-1607689 Datasheet
17Mb / 64P
   Industrial Circular Connectors
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
logo
ITT Industries
CA06COME20-27PB ITT-CA06COME20-27PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA02COME14S-5PB ITT-CA02COME14S-5PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Omron Electronics LLC
XN2_1011 OMRON-XN2_1011 Datasheet
809Kb / 6P
   Easy-wire connectors for Industrial Components
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Omron Electronics LLC
XN2 OMRON-XN2 Datasheet
888Kb / 8P
   Easy-wire connectors for Industrial Components
logo
Hirose Electric
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com