Moteur de recherche de fiches techniques de composants électroniques |
|
CN201J12S215Q Fiches technique(PDF) 3 Page - ITT Industries |
|
CN201J12S215Q Fiches technique(HTML) 3 Page - ITT Industries |
3 / 4 page Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com H-101 H ACTUATOR COLOR MOUNTING STYLE/COLOR C&K CN Series Double Pole Power Rocker Switches OPTION ACTUATOR CODE COLOR 2 BLACK 1 WHITE 3 RED R RED, ILLUMINATED A AMBER, ILLUMINATED G GREEN, ILLUMINATED PANEL MOUNTING PANEL THICKNESS “X” “Y” 0.030-0.049 (0,75-1,25) 1.190-.004 (30,2-0,1) 0.874+.004 (22,2+0,1) 0.049-0.079 (1,25-2,0) 1.197-.004 (30,4-0,1) 0.874+.004 (22,2+0,1) 0.079-0.118 (2,0-3,0) 1.213-.004 (30,8-0,1) 0.874+.004 (22,2+0,1) S4 SNAP-IN, BLACK S3 SNAP-IN, WHITE S2 SNAP-IN, BLACK S1 SNAP-IN, WHITE 1b 3b 2b 1b 3b 2b TERMINATION 15 .187” QUICK CONNECT 05 .250” QUICK CONNECT NOTE: Available with S1 & S1 mounting style and Q contact rating only. 1b 3b 2b .425 (1,8) .102 DIA. (ø2,6) .250 (6,35) .413 (10,5) NOTE: Available with 15 termination and Q contact rating only. NOTE: Available with 05 termination and QA contact rating only. NOTE: Available with S3 & S4 mounting styles and QA contact rating, CN201 & CN202 switch functions only. |
Numéro de pièce similaire - CN201J12S215Q |
|
Description similaire - CN201J12S215Q |