Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA00COM-E10SL-1PW-B-01 Fiches technique(PDF) 38 Page - ITT Industries

No de pièce CA00COM-E10SL-1PW-B-01
Description  Industrial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

CA00COM-E10SL-1PW-B-01 Fiches technique(HTML) 38 Page - ITT Industries

Back Button CA00COM-E10SL-1PW-B-01 Datasheet HTML 34Page - ITT Industries CA00COM-E10SL-1PW-B-01 Datasheet HTML 35Page - ITT Industries CA00COM-E10SL-1PW-B-01 Datasheet HTML 36Page - ITT Industries CA00COM-E10SL-1PW-B-01 Datasheet HTML 37Page - ITT Industries CA00COM-E10SL-1PW-B-01 Datasheet HTML 38Page - ITT Industries CA00COM-E10SL-1PW-B-01 Datasheet HTML 39Page - ITT Industries CA00COM-E10SL-1PW-B-01 Datasheet HTML 40Page - ITT Industries CA00COM-E10SL-1PW-B-01 Datasheet HTML 41Page - ITT Industries CA00COM-E10SL-1PW-B-01 Datasheet HTML 42Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
All dimensions are in mm
Subject to changes
CA-COM
38
Tooling
Hand crimp tool
for pin / socket contacts acc to VG95234 and Cannon contacts with reduced termination size
Contact
Wire size
Hand crimp tools
Order reference
Crimp locator
Order reference
size
mm2
15
0,3 – 1,5
15S
0,3 – 1,5
M22520-1-01
995-0001-585
TH 452
995-0002-052
25
0,3 – 4,0
Preumatic crimp tool
for pin / socket contacts acc to VG95234 and Cannon contacts with reduced termination size
Contact
Wire size
Pneumatic table
Order reference
Bench
Order reference
Foot
Order reference
Crimp
Order reference
size
mm2
crimp tool
mount
pedal
locator
15
0,3 – 1,5
15S
0,3 – 1,5
WA27F-CE
121586-5067
BM-2
121586-5068
WA10
121586-5069
TH 452
995-0002-052
25
0,3 – 4,0
Hydraulic hand crimp tool
for pin / socket contacts acc to VG95234 and Cannon contacts with reduced termination size
Contact Wire size
Hand pump
Order reference
Foot pedal
Order reference
High pressure
Order reference
Crimp head
Order reference
size
mm2
hose 2 m
4601.00000.330
121586-0027
4601.51000.330
121586-0008
4604.00000.020
121586-0023
4632.00000.601
121586-0031
100
2,0 – 10,0
Safety device
Order reference
Positioner
Order reference
Crimp Turrets (upper crimp die)
Crimp Turrets (lower crimp die)
incl.
Order reference
Order reference
Bench mounting
CT121086-3079
121086-3079
121086-3080
121086-3080
317-8531-000
317-8531-001
Crimp contacts
Connectors of series CA-COM and CA-COM-B are also available with crimp contacts for AWG wire sizes. In order to wire, insert and extract these contacts the
tools mentioned on this page are needed. All tools have to be ordered separately.
Please ask for our detailed Wiring and Assembly instructions.
Note: Hydraulic electro pump (HK 12EL) upon request.
Insertion tools / Extraction tools
Insertion tools
Insertion pliers
Extraction tools
Contact size
Part No.
Order reference
Part No.
Order reference
Part No.
Order reference
15
CIT 16
121086-3008
CIT-F80-16
121086-0097
CET-F80-16
121086-0081
25
CIT 12
121086-3007
CIT-F80-12
121086-0096
CET-F80-12
121086-0080
100
CIT 8
121086-0095
CET-8
121086-0079
#1171_CA-COM_englisch_250900
18.10.2000, 8:23 Uhr
38


Numéro de pièce similaire - CA00COM-E10SL-1PW-B-01

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
CA00COM-E18-1PW-B-01 ITT-CA00COM-E18-1PW-B-01 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA00COM-E18-1PW-B-01 ITT-CA00COM-E18-1PW-B-01 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA00COM-E18-1PW-B-03 ITT-CA00COM-E18-1PW-B-03 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA00COM-E18-1PW-B-03 ITT-CA00COM-E18-1PW-B-03 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA00COM-E18-1PW-B-06 ITT-CA00COM-E18-1PW-B-06 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
More results

Description similaire - CA00COM-E10SL-1PW-B-01

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
1607689 PHOENIX-1607689 Datasheet
17Mb / 64P
   Industrial Circular Connectors
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
logo
ITT Industries
CA06COME20-27PB ITT-CA06COME20-27PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA02COME14S-5PB ITT-CA02COME14S-5PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Omron Electronics LLC
XN2_1011 OMRON-XN2_1011 Datasheet
809Kb / 6P
   Easy-wire connectors for Industrial Components
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Omron Electronics LLC
XN2 OMRON-XN2 Datasheet
888Kb / 8P
   Easy-wire connectors for Industrial Components
logo
Hirose Electric
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com