Moteur de recherche de fiches techniques de composants électroniques |
|
CA04J737207DQ Fiches technique(PDF) 4 Page - ITT Industries |
|
CA04J737207DQ Fiches technique(HTML) 4 Page - ITT Industries |
4 / 4 page H-113 H Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K CA Series Illuminated Power Rocker Switches TERMINATIONS ACTUATOR MARKINGS CONTACT MATERIAL ON OFF O 2 O I SP DP PANEL MOUNTING SP DP 'A' 'A' 1.126 (28,60) .118–.177 (3,00) (4,50) 1.110 (28,20) .078–.118 (2,00) (3,00) 1.102 (28,00) .059–.078 (1,50) (2,00) DIM ‘A’ PANEL THICKNESS 07 QUICK CONNECT NONE NO MARKING D ON-OFF H O I P O – 1 CONTACTS: Coin silver, silver plated. TERMINALS: Copper, silver plated. NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options. * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. Marking color white, standard for all actuator colors except yellow. Marking color black, standard for yellow actuators. Consult Customer Service Center for other available markings and colors. NOTE: Orientation of actuator markings and terminals 15 AMPS @ 125 V AC; 10 AMPS @ 250 V AC; 1/4 HP @ 125 V AC or 250 V AC (UL/CSA). RATINGS CONTACT AND TERMINAL MATERIAL SILVER 1 POWER RoHS COMPLIANT * RoHS COMPATIBLE * OPTION CODE Q YES YES |
Numéro de pièce similaire - CA04J737207DQ |
|
Description similaire - CA04J737207DQ |