Moteur de recherche de fiches techniques de composants électroniques |
|
A10005RSZQ Fiches technique(PDF) 2 Page - ITT Industries |
|
A10005RSZQ Fiches technique(HTML) 2 Page - ITT Industries |
2 / 5 page L–4 L C&K A Series 1-4 Pole Rotary Switches SWITCH FUNCTION 3P MODELS SCHEMATIC 4P MODELS SCHEMATIC DP MODELS SCHEMATIC SP MODELS SCHEMATIC 3P MODELS TERMINAL NUMBERS 4 P MODELS SP MODELS (omit terminals B, C & D) DP MODELS (omit terminals B & D) Terminal numbers molded on bottom of housing. All Terminals 3 Position A403 A,B,C,D,1,2,4,5,7, 8,10,11 4PDT A402 4P TERMINALS SWITCH FUNCTION MODEL NO. NO. POLES 30º INDEXING A,1,2,4,5,7,8,10,11 8 Position A125 A,1,2,4* 3 Position A115 SP TERMINALS SWITCH FUNCTION MODEL NO. NO. POLES 45º INDEXING A,C,1,4,7,10 2 Position A214 DP A,1,4,7,10 4 Position A124 A,1,4* 2 Position A114 SP TERMINALS SWITCH FUNCTION MODEL NO. NO. POLES 90º INDEXING NOTE: * These models with ‘C’ or ‘MC’ terminations have additional terminal no. 9 as switch support only. This terminal is not connected electrically inside switch. All models with all options when ordered with ‘G’ or ‘Q’ contact material, see page L-6. Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com A,B,C,1-12 4 Position A304 A,B,C,1-3,5-7 9-11 3 Position A303 A,C,1-12 6 Position A206 A,C,1-5,7-11 5 Position A205 A,C,1-4,7-10 4 Position A204 A,C,1-3,7-9 3 Position A203 DP A,1-12 12 Position A112 A,1-10 10 Position A110 A,1-9 9 Position A109 A,1-8 8 Position A108 A,1-7 7 Position A107 A,1-6* 6 Position A106 A,1-5* 5 Position A105 A,1-4* 4 Position A104 A,1-3* 3 Position A103 A,1,2* SPDT A102 A,1-12 12 Position No Stops A100 SP TERMINALS SWITCH FUNCTION MODEL NO. NO. POLES 30º INDEXING 3P |
Numéro de pièce similaire - A10005RSZQ |
|
Description similaire - A10005RSZQ |