Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD10CM0SK Fiches technique(PDF) 4 Page - ITT Industries

No de pièce CD10CM0SK
Description  8mm DIP Coded Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

CD10CM0SK Fiches technique(HTML) 4 Page - ITT Industries

  CD10CM0SK Datasheet HTML 1Page - ITT Industries CD10CM0SK Datasheet HTML 2Page - ITT Industries CD10CM0SK Datasheet HTML 3Page - ITT Industries CD10CM0SK Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-31
I
C&K CD Series
8mm DIP Coded Rotary Switches
TERMINATIONS
C PC THRU-HOLE
A RIGHT ANGLE, PC THRU-HOLE
S SURFACE MOUNT
.200
(5,08)
.100 TYP.
(2,54)
Ø.032
(0,81)
TYP.
.050.
(1,27)
.200
(5,08)
.100
(2,54)
.020 TYP.
(0,51)
.010
(0,25)
.183
(4,64)
TYP.
.025
(0,64)
.025
(0,64)
.132
(3,34)
.025 TYP.
(0,64)
STAND-OFF
.315
(8,00)
.330
(8,36)
.315
(8,00)
.099
(2,52)
1C 4
.200
(5,08)
8
1
3
2
1
C
4
8
C
2
8
C
2
1
C
4
F 1
0
1
C
4
8
C
2
.300
(7,62)
.032 TYP.
(0.81)
.100 TYP.
(2,54)
.315
(8,00)
.200
(5.08)
.100
(2,54)
.168
(4,27)
.305
(7,75)
.010 TYP
(0,25)
.125 TYP
(3,18)
.025 TYP
(0,64)
.020 TYP
(0,51)
.020 TYP.
(0,51)
.010 THK.
(0,25)
.040 TYP.
(1,02)
.315
(8,00)
.315
(8,00)
.200
(5,08)
.390
(9,90)
.174
(4,41)
.006
(0,15)
.100
(2,54)
8
C
2
1
C
4
.200
(5,08)
.100 TYP.
(2,54)
.080
(2,03)
.050
(1,27)
TYP.
.430
(10,92)
0
9 1
1
C
4
8
C
2
CONTACT MATERIAL
For part number CDxxMOSK
Reel Information
Outside diameter
13.00 (333,0)
Pilot hole
.512 (13,0)
TAPE & REEL
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATING
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
K
0.4 VC MAX. @ 20 V AC or DC MAX.
GOLD
TIN-LEAD
NO
YES
GOLD
GOLD
B
0.4 VC MAX. @ 20 V AC or DC MAX.
YES
YES
LOW LEVEL/DRY CIRCUIT
LOW LEVEL/DRY CIRCUIT
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.


Numéro de pièce similaire - CD10CM0SK

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
CD10CM0S-B-R CK-COMPONENTS-CD10CM0S-B-R Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
More results

Description similaire - CD10CM0SK

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
CD CK-COMPONENTS-CD_V02 Datasheet
345Kb / 4P
   8mm DIP Coded Rotary Switches
CD08RM0CB CK-COMPONENTS-CD08RM0CB Datasheet
207Kb / 4P
   8mm DIP Coded Rotary Switches
CD CK-COMPONENTS-CD Datasheet
146Kb / 4P
   8mm DIP Coded Rotary Switches
2003
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
logo
ITT Industries
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
logo
C&K Components
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com