Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADN2891ACPZ-500RL7 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADN2891ACPZ-500RL7
Description  3.3 V, 3.2 Gbps, Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADN2891ACPZ-500RL7 Fiches technique(HTML) 5 Page - Analog Devices

  ADN2891ACPZ-500RL7 Datasheet HTML 1Page - Analog Devices ADN2891ACPZ-500RL7 Datasheet HTML 2Page - Analog Devices ADN2891ACPZ-500RL7 Datasheet HTML 3Page - Analog Devices ADN2891ACPZ-500RL7 Datasheet HTML 4Page - Analog Devices ADN2891ACPZ-500RL7 Datasheet HTML 5Page - Analog Devices ADN2891ACPZ-500RL7 Datasheet HTML 6Page - Analog Devices ADN2891ACPZ-500RL7 Datasheet HTML 7Page - Analog Devices ADN2891ACPZ-500RL7 Datasheet HTML 8Page - Analog Devices ADN2891ACPZ-500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADN2891
Rev. A | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Power Supply Voltage
4.2 V
VEE − 0.4 V
Minimum Voltage
(All Inputs and Outputs)
VCC + 0.4 V
Maximum Voltage
(All Inputs and Outputs)
Storage Temperature
−65°C to +150°C
Operating Temperature Range
−40°C to +95°C
THERMAL RESISTANCE
Production Soldering Temperature
J-STD-20
θJA is specified for 4-layer PCB with exposed paddle soldered
to GND.
Junction Temperature
125°C
Table 3.
Package Type
θ
Unit
JA
3 mm × 3 mm, 16-lead LFCSP
28
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Numéro de pièce similaire - ADN2891ACPZ-500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2891ACPZ-500RL7 AD-ADN2891ACPZ-500RL7 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891ACPZ-500RL7 AD-ADN2891ACPZ-500RL7 Datasheet
596Kb / 16P
   Limiting Amplifier
More results

Description similaire - ADN2891ACPZ-500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2880 AD-ADN2880 Datasheet
355Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2880 AD-ADN2880_15 Datasheet
356Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com