Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8386JCPZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8386JCPZ
Description  10-Bit, 12-Channel Output Decimating LCD Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8386JCPZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8386JCPZ Datasheet HTML 3Page - Analog Devices AD8386JCPZ Datasheet HTML 4Page - Analog Devices AD8386JCPZ Datasheet HTML 5Page - Analog Devices AD8386JCPZ Datasheet HTML 6Page - Analog Devices AD8386JCPZ Datasheet HTML 7Page - Analog Devices AD8386JCPZ Datasheet HTML 8Page - Analog Devices AD8386JCPZ Datasheet HTML 9Page - Analog Devices AD8386JCPZ Datasheet HTML 10Page - Analog Devices AD8386JCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8386
Rev. 0 | Page 7 of 20
OPERATING TEMPERATURE RANGE
The maximum operating junction temperature is 150°C. The
junction temperature trip point of the thermal protection
circuit is 165°C. Production tests guarantee a minimum
junction temperature trip point of 125°C.
Consequently, the maximum guaranteed operating junction
temperature is 125°C when the thermal protection circuit is
enabled and 150°C when the thermal protection circuit is
disabled.
To ensure operation within the specified operating temperature
range, it is necessary to limit the maximum power dissipation as
(
)
() 59.
0
09
.
0
lfm
in
Airflow
T
T
P
Air
Still
JA
A
JMAX
DMAX
×
θ
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
40
45
50
55
60
65
70
75
80
90
85
95
65
70
75
80
85
90
95
100
105
115
110
120
AMBIENT TEMPERATURE (
°C)
OVERLOAD
PROTECTION
DISABLED
ENABLED
STILL AIR
200LFM
400LFM
QUIESCENT
720p HDTV
Figure 2. Maximum Power Dissipation vs. Temperature
The AD8386 is on a 4-layer JEDEC PCB with a thermally
optimized landing pattern with 16 vias.
The quiescent power dissipation of the AD8386 is 1.4 W.
When driving a 12-channel 720p HDTV panel with an input
capacitance of 150 pF, the AD8386 dissipates 1.66 W when
displaying 1 pixel wide alternating white and black vertical lines
generated by a standard 720p HDTV input video.
Conditions include the following:
• AVCC = 15.5 V
• DVCC = 3.3 V
• VFS = 5 V
• C
L
= 150 pF
• f
PIXEL
= 74.25 MHz
• Black-to-white transition = 4 V
• Active video time = 75%
Figure 2 shows these power dissipations.


Numéro de pièce similaire - AD8386JCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8386 AD-AD8386 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
More results

Description similaire - AD8386JCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
   High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
REV. 0
AD8383 AD-AD8383 Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
AD8381 AD-AD8381 Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8384 AD-AD8384 Datasheet
470Kb / 24P
   10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
REV. 0
AD8380 AD-AD8380 Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com