Moteur de recherche de fiches techniques de composants électroniques |
|
HDM6448ATSC Fiches technique(PDF) 1 Page - Hantronix,Inc |
|
HDM6448ATSC Fiches technique(HTML) 1 Page - Hantronix,Inc |
|
1 / 1 page Page 39 Absolute Maximum Ratings PARAMETER SYMBOL MIN MAX UNIT SUPPLY VOLTAGE VDD-VSS - 0.3 6.5 V SUPPLY VOLTAGE FOR LCD VEE-VSS 0 25.0 V OPERATING TEMPERATURE TOP 0 50 °C STORAGE TEMPERATURE TSTG -20 70 °C HUMIDITY (NO CONDENSATION) - 10 85 %RH Electrical Characteristics (VDD=3.0 or 5.0±0.25V, Ta=25°C) PARAMETER SYM CONDITION MIN TYP MAX UNIT SUPPLY VOLTAGE VDD Ta=25°C 2.7 4.5 3.0 5.0 3.3 5.5 V VEE 22.6 23.0 23.4 V POWER SUPPLY CURRENT IDD VDD=5.0V VEE=23.0V - 33.0 40.0 mA IEE - 12.0 18.0 mA CCFL OP. VOLTAGE VFL 640 Vrms CCFL OP. CURRENT IFL 3.0 5.0 7.0 mArms CCFL START VOLTAGE VFLS Ta=25°C - 750 1500 Vrms BRIGHTNESS L IFL=5.0mA 88 NIT DRIVE METHOD 1/240 DUTY Pin Connections PIN NO. SYMBOL LEVEL FUNCTION 1 FP H First Line Marker 2 N/C - No connection 3 DISP H/L H=On, L=Off 4 LP H/L Data latch signal 5 VSS 0V Ground 6 SCP H/L Shift clock 7 VSS 0V Ground 8 UD0 H/L Upper screen data input 9 UD1 H/L Upper screen data input 10 UD2 H/L Upper screen data input 11 UD3 H/L Upper screen data input 12 UD4 H/L Upper screen data input 13 UD5 H/L Upper screen data input 14 UD6 H/L Upper screen data input 15 UD7 H/L Upper screen data input Features Backlight............................................................................CCFL Options.....................................................................Color DSTN Built-in Controller................................................................None Features Physical Data Module Size...................................264.0W x 183.0H x 12.0T mm Viewing Area Size.......................................216.0W x 161.5H mm Dot Pitch.........................................................0.33W x 0.33H mm Dot Size..........................................................0.31W x 0.31H mm Weight..................................................................................490g PIN NO. SYMBOL LEVEL FUNCTION 1 VFLG - Ground 2 NC - No Connection 3 NC - No Connection 4 VFL - Power supply for CCFL Dimension tolerance: +/-0.3mm Dimensional Drawing 640 X 480 10.4” VGA Color w/Touch Screen PIN NO. SYMBOL LEVEL FUNCTION 1 LD0 H/L Lower screen data input 2 LD1 H/L Lower screen data input 3 LD2 H/L Lower screen data input 4 LD3 H/L Lower screen data input 5 LD4 H/L Lower screen data input 6 LD5 H/L Lower screen data input 7 LD6 H/L Lower screen data input 8 LD7 H/L Lower screen data input 9 VDD +5V Power supply for logic 10 VSS 0V Ground 11 VSS 0V Ground 12 VEE Contrast control 13 VEE Contrast control 14 VEE Contrast control HDM6448ATSC CONNECTOR INFORMATION: CN1 = Molex 53261-1590 CN2 = Molex 53261-1490 Mating = Molex 51021-1500 Mating = Molex 51021-1400 CCFL = Mitsumi M63M83-04 Mating = Mitsumi M61M73-04 Physical Data PIN NO. SYMBOL LEVEL FUNCTION 1 VFLG - Ground 2 NC - No Connection 3 NC - No Connection 4 VFL - Power supply for CCFL PIN NO. SYMBOL FUNCTION PIN NO. SYMBOL FUNCTION 1 X1 RIGHT 3 X2 LEFT 2 Y1 UP 4 Y2 DOWN Touch Panel Connector |
Numéro de pièce similaire - HDM6448ATSC |
|
Description similaire - HDM6448ATSC |