Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM27222MX Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM27222MX
Description  High-Speed 4.5A Synchronous MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27222MX Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  LM27222MX Datasheet HTML 1Page - National Semiconductor (TI) LM27222MX Datasheet HTML 2Page - National Semiconductor (TI) LM27222MX Datasheet HTML 3Page - National Semiconductor (TI) LM27222MX Datasheet HTML 4Page - National Semiconductor (TI) LM27222MX Datasheet HTML 5Page - National Semiconductor (TI) LM27222MX Datasheet HTML 6Page - National Semiconductor (TI) LM27222MX Datasheet HTML 7Page - National Semiconductor (TI) LM27222MX Datasheet HTML 8Page - National Semiconductor (TI) LM27222MX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagram
20117901
Top View
SO-8 (NS Package # M08A)
θ
JA = 172˚C/W
or
LLP-8 (NS Package # SDC08A)
θ
JA = 39˚C/W
Ordering Information
Order Number
Size
NSC Drawing #
Package Type
Supplied As
LM27222M
SO-8
M08A
Rail
95 Units/Rail
LM27222MX
Tape and Reel
2500 Units/Reel
LM27222SD
LLP-8
SDC08A
Tape and Reel
1000 Units/Reel
LM27222SDX
Tape and Reel
4500 Units/Reel
Pin Descriptions
Pin #
Pin Name
Pin Function
1
SW
High-side driver return. Should be connected to the common node of high and low-side MOSFETs.
2
HG
High-side gate drive output. Should be connected to the high-side MOSFET gate. Pulled down
internally to SW with a 10K resistor to prevent spurious turn on of the high-side MOSFET when the
driver is off.
3
CB
Bootstrap. Accepts a bootstrap voltage for powering the high-side driver.
4
IN
Accepts a PWM signal from a controller. Active High. Pulled down internally to GND with a 150K
resistor to prevent spurious turn on of the high-side MOSFET when the controller is inactive.
5
LEN
Low-side gate enable. Active High. Pulled down internally to GND with a 150K resistor to prevent
spurious turn-on of the low-side MOSFET when the controller is inactive.
6V
CC
Connect to +5V supply.
7
LG
Low-side gate drive output. Should be connected to low-side MOSFET gate. Pulled down internally to
GND with a 10K resistor to prevent spurious turn on of the low-side MOSFET when the driver is off.
8
GND
Ground.
www.national.com
2


Numéro de pièce similaire - LM27222MX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM27222MX/NOPB TI-LM27222MX/NOPB Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
More results

Description similaire - LM27222MX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM27222 TI-LM27222_15 Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
   High Speed Synchronous/Asynchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Semtech Corporation
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com