Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC9202PWPRG4 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPIC9202PWPRG4
Description  MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPIC9202PWPRG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPIC9202PWPRG4 Datasheet HTML 6Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 7Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 8Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 9Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 10Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 11Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 12Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 13Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
APPLICATION INFORMATION
TPIC9202
MCU/DSP
MOSI
SCLK
NCS
BO_OUTZ
RST
5V
±5%at200mA
OUT
EN1
RDELAY
BuzzerDriver
RelayDriver
RelayDriver
RelayDriver
RelayDriver
FanDriver
FanDriver
FanDriver
8Outputs
BrownOut
DCInput7Vto18V
GND
Filters
AC
Water
Supply
Valve
Water
Outlet
Softener
Supply
Driver
5V
OUT
RST
Power
Switch
M
Cover
Switch
Temperature
Sensor
(Optional)
Optical
Sensor
Water-Level
Sensor
Volume
Sensor
Keypad
Display
(LED/LCD/VFD)
Controller
Regulator
POR/SYS
TPIC9202
+
-
~
~
LED LED
Brown-Out
Detect
V
IN
BO
BO_OUTZ
TPIC9202
MICROCONTROLLER POWER SUPPLY
AND MULTIPLE LOW-SIDE DRIVER
SLIS116B – MAY 2005 – REVISED JUNE 2006
Figure 2. Typical Application
Figure 3. Washing-Machine Application
10
Submit Documentation Feedback


Numéro de pièce similaire - TPIC9202PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC9202PWPRG4 TI-TPIC9202PWPRG4 Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
More results

Description similaire - TPIC9202PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC9201 TI-TPIC9201_08 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201 TI-TPIC9201 Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202_07 Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPL9201 TI-TPL9201 Datasheet
163Kb / 14P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com