Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65820 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS65820
Description  SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS65820 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS65820 Datasheet HTML 6Page - Texas Instruments TPS65820 Datasheet HTML 7Page - Texas Instruments TPS65820 Datasheet HTML 8Page - Texas Instruments TPS65820 Datasheet HTML 9Page - Texas Instruments TPS65820 Datasheet HTML 10Page - Texas Instruments TPS65820 Datasheet HTML 11Page - Texas Instruments TPS65820 Datasheet HTML 12Page - Texas Instruments TPS65820 Datasheet HTML 13Page - Texas Instruments TPS65820 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS – POWER PATH AND CHARGE MANAGEMENT (Continued)
TPS65820
SLVS663 – MAY 2006
Over recommended operating conditions (typical values at T
J = 25°C), application circuit as in Figure 3 (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY RECHARGE DETECTION
VRCH
Recharge threshold voltage
New charge cycle starts if V(BAT) < VO(BATREG)– VRCH, after
80
100
130
mV
termination was detected
tDGL(RCH)
Deglitch time for recharge detection
RTMR = 50 kΩ
22.5
ms
DPPM FUNCTION
VDPPM
DPPM regulation point range
V(DPPM) = RDPPM x KDPPMM x IO(DPPM)
2.6
4.4
V
IO(DPPM)
DPPM pin current source
AC or USB Present
95
100
105
µA
KDPPM
DPPM scaling factor
1.139
1.15
1.162
DPPM de-glitch time
Status bit set indicating DPPM loop active after deglitch time,
500
µs
tDGL(DPPM)
RTMR = 50 kΩ
PACK TEMPERATURE SENSING
VLTF
Low temperture threshold
Pack low temperature fault at V(TS) > VLTF
2.465
2.500
2.535
V
VHTF
High temperture threshold
Pack low temperature fault at V(TS) < VHTF
0.485
0.500
0.515
V
IO(TS)
Temperature sense current source
Thermistor bias current
18.8
20
21.2
µA
Deglitch time for temperature fault
R(TMR) = 50 k
Ω,
22.5
ms
tDLG(TFAULT)
detection
V(TS) > VLTF OR V(TS) < VHTF
CHARGE AND PRE-CHARGE SAFETY TIMER
Charge safety timer programmed
Safety timer range, thermal/DPPM loop not active,
3
5
10
hours
tCHG
value
tCHG = RTMR x KTMR
KTMR
Charge Timer set factor
0.313
0.360
0.414
s/
Total elapsed time when DPPM or
fast charge on, tCHGADD is the maximum add-on time added to
2 x
tCHGADD
hours
thermal loop are active
tCHG
tCHG
Precharge safety timer programmed
Pre charge safety timer range, thermal/DPPM loop not active,
18
30
60
min
tPRECHG
value
tPRECHG = KPRE x RTMR x KTMR
KPRE
Pre-charge timer set factor
0.09
0.1
0.11
Total elapsed time when DPPM or
pre-charge on, tPCHGADD is the maximum add-on time added to
2 x
tPCHGADD
hours
thermal loop are active
tPRECHG
tPRECHG
RTMR
External timer resistor limits
30
100
k
Timer fault recovery pull-up resistor
Internal resistor connected from OUT to BAT after safety timer
1
k
RTMR(FLT)
timeout
THERMAL REGULATION LOOP
Charge current decreasesd and timer extended when TJ >
°C
TTHREG
Temperature regulation limit
115
135
TTHREG
CHARGER THERMAL SHUTDOWN
TTHCHG
Charger thermal shutdown
Charger turned off when TJ> TTHCHG
150
°C
TTHCHGHYS
Charger thermal shutdown hysteresis
30
°C
10
Submit Documentation Feedback


Numéro de pièce similaire - TPS65820

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65800 TI-TPS65800 Datasheet
232Kb / 3P
[Old version datasheet]   INTEGRATED SINGLE-CELL LITHIUM-ION BATTERY-AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800RTQ TI-TPS65800RTQ Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800RTQR TI-TPS65800RTQR Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800RTQRG4 TI-TPS65800RTQRG4 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results

Description similaire - TPS65820

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
   Enhanced Single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP209 ETC2-AXP209 Datasheet
2Mb / 45P
   Enhanced single Cell Li-Battery and Power System Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com