Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC723481W Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LC723481W
Description  Low-Voltage ETR-Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723481W Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LC723481W Datasheet HTML 5Page - Sanyo Semicon Device LC723481W Datasheet HTML 6Page - Sanyo Semicon Device LC723481W Datasheet HTML 7Page - Sanyo Semicon Device LC723481W Datasheet HTML 8Page - Sanyo Semicon Device LC723481W Datasheet HTML 9Page - Sanyo Semicon Device LC723481W Datasheet HTML 10Page - Sanyo Semicon Device LC723481W Datasheet HTML 11Page - Sanyo Semicon Device LC723481W Datasheet HTML 12Page - Sanyo Semicon Device LC723481W Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
No. 7253-9/15
LC723481W/2W/3W
Continued from preceding page.
Pin No.
Pin
I/O
Function
I/O circuit
Continued on next page.
System reset input.
In CPU operating mode or halt mode, applications must apply a low level for at least
one full machine cycle to reset the system and restart execution with the PC set to
location 0. This pin is connected in parallel with the internal power on reset circuit.
54
BRES
I
Tuning voltage generation circuit outputs.
These pins include a n-ch transistor, and a tuning voltage can be generated by
connecting external coil, diode, and capacitor components.
49
TU
O
N-channel open-drain
FM VCO (local oscillator) input.
This pin is selected with the PLL instruction CW1.
57
FMIN
I
CMOS amplifier input
AM VCO (local oscillator) input.
This pin and the bandwidth are selected with the PLL instruction CW1.
The input must be capacitor coupled.
Input is disabled in backup mode, in halt mode, after a reset, and in PLL stop mode.
58
AMIN
I
CMOS amplifier input
CW1 b1, b0
Bandwidth
1
0
2 to 40 MHz (SW)
1
1
0.5 to 10 MHz (MW, LW)
Special-purpose universal counter input port
• To measure a frequency, set up HCTR frequency measurement mode and the
measurement time with a UCS instruction (b3 = 0, b2 = 0) and start the count with
a UCC instruction.
55
HCTR
I
CMOS amplifier input
UCS b3 b2
Input pin
Measurement
mode
0
0
HCTR
Frequency
measurement
0
1
1
0
The CNTEND flag is set when the count completes. Since the input circuit functions
as an AC amplifier in this mode, the input must be capacitance coupled.
This pin goes to the input disabled state in backup mode, halt mode, PLL stop mode,
and after a reset.
UCS b1 b0
Measurement time
0
0
1 ms
0
1
4 ms
1
0
8 ms
1
1
32 ms
The input must be capacitor coupled.
Input is disabled in backup mode, in halt mode, after a reset, and in PLL stop mode.
CW1 b1, b0
Bandwidth
0
0
10 to 250 MHz


Numéro de pièce similaire - LC723481W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72348W SANYO-LC72348W Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
More results

Description similaire - LC723481W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC723732 SANYO-LC723732 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC878496PB SANYO-LC878496PB Datasheet
240Kb / 29P
   8-bit ETR Microcontroller
logo
Vishay Siliconix
SI9145 VISHAY-SI9145_V01 Datasheet
214Kb / 14P
   Low-Voltage Switchmode Controller
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com