Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF909WR Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BF909WR
Description  N-channel dual-gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF909WR Fiches technique(HTML) 4 Page - NXP Semiconductors

  BF909WR Datasheet HTML 1Page - NXP Semiconductors BF909WR Datasheet HTML 2Page - NXP Semiconductors BF909WR Datasheet HTML 3Page - NXP Semiconductors BF909WR Datasheet HTML 4Page - NXP Semiconductors BF909WR Datasheet HTML 5Page - NXP Semiconductors BF909WR Datasheet HTML 6Page - NXP Semiconductors BF909WR Datasheet HTML 7Page - NXP Semiconductors BF909WR Datasheet HTML 8Page - NXP Semiconductors BF909WR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Sep 05
4
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF909WR
THERMAL CHARACTERISTICS
Notes
1. Device mounted on a printed-circuit board.
2. Ts is the temperature at the soldering point of the source lead.
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
Note
1. RG1 connects gate 1 to VGG =5V.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VDS =5V; VG2-S = 4 V; ID = 15 mA; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
350
K/W
Rth j-s
thermal resistance from junction to soldering point
Ts =91 °C; note 2
210
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)G1-SS
gate 1-source breakdown voltage
VG2-S =VDS = 0; IG1-S = 10 mA
6
15
V
V(BR)G2-SS
gate 2-source breakdown voltage
VG1-S =VDS = 0; IG2-S = 10 mA
6
15
V
V(F)S-G1
forward source-gate 1 voltage
VG2-S =VDS = 0; IS-G1 = 10 mA
0.5
1.5
V
V(F)S-G2
forward source-gate 2 voltage
VG1-S =VDS = 0; IS-G2 = 10 mA
0.5
1.5
V
VG1-S(th)
gate 1-source threshold voltage
VG2-S =4V; VDS =5V; ID =20 µA
0.3
1
V
VG2-S(th)
gate 2-source threshold voltage
VG1-S =VDS =5V; ID =20 µA
0.3
1.2
V
IDSX
drain-source current
VG2-S =4V; VDS =5V; RG1 = 120 kΩ;
note 1
12
20
mA
IG1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S =5V
50
nA
IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S =5V
50
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
yfs
forward transfer admittance
pulsed; Tj =25 °C
364350mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
3.6
4.3
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
2.3
3
pF
Cos
drain-source capacitance
f = 1 MHz
2.3
3
pF
Crs
reverse transfer capacitance f = 1 MHz
30
50
fF
F
noise figure
f = 800 MHz; GS =GSopt; BS =BSopt
2
2.8
dB


Numéro de pièce similaire - BF909WR

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF909WR NXP-BF909WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF909WR JMNIC-BF909WR_15 Datasheet
138Kb / 12P
   N-channel dual-gate MOS-FET
BF909WR_2015 JMNIC-BF909WR_2015 Datasheet
138Kb / 12P
   N-channel dual-gate MOS-FET
More results

Description similaire - BF909WR

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com