Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF908 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BF908
Description  Dual-gate MOS-FETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF908 Fiches technique(HTML) 4 Page - NXP Semiconductors

  BF908 Datasheet HTML 1Page - NXP Semiconductors BF908 Datasheet HTML 2Page - NXP Semiconductors BF908 Datasheet HTML 3Page - NXP Semiconductors BF908 Datasheet HTML 4Page - NXP Semiconductors BF908 Datasheet HTML 5Page - NXP Semiconductors BF908 Datasheet HTML 6Page - NXP Semiconductors BF908 Datasheet HTML 7Page - NXP Semiconductors BF908 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1996 Jul 30
4
Philips Semiconductors
Product specification
Dual-gate MOS-FETs
BF908; BF908R
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board.
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VDS =8V; VG2-S =4V; ID = 15 mA; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
BF908
500
K/W
BF908R
550
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
±V(BR)G1-SS gate 1-source breakdown voltage VG2-S =VDS = 0; IG1-S =10mA
8
20
V
±V(BR)G2-SS gate 2-source breakdown voltage VG1-S =VDS = 0; IG2-S =10mA
8
20
V
−V(P)G1-S
gate 1-source cut-off voltage
VG2-S =4V; VDS =8V; ID =20 µA −−
2V
−V(P)G2-S
gate 2-source cut-off voltage
VG1-S =4V; VDS =8V; ID =20 µA −−
1.5
V
IDSS
drain-source current
VG2-S =4V; VDS =8V; VG1-S = 0
3
1527mA
±IG1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S =5V
−−
50
nA
±IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S =5V
−−
50
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
y
fs
forward transfer admittance
pulsed; Tj =25 °C; f = 1 MHz
36
43
50
mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
2.4
3.1
4
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
1.2
1.8
2.5
pF
Cos
output capacitance
f = 1 MHz
1.2
1.7
2.2
pF
Crs
reverse transfer capacitance
f = 1 MHz
20
30
45
fF
F
noise figure
f = 200 MHz; GS = 2 mS; BS =BSopt
0.6
1.2
dB
f = 800 MHz; GS =GSopt; BS =BSopt
1.5
2.5
dB


Numéro de pièce similaire - BF908

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF908 NXP-BF908 Datasheet
258Kb / 9P
   Dual-gate MOS-FETs
Rev. 03-14 November 2007
BF908 NXP-BF908 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF908-R JMNIC-BF908-R_15 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
BF908-R_2015 JMNIC-BF908-R_2015 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF908R NXP-BF908R Datasheet
258Kb / 9P
   Dual-gate MOS-FETs
Rev. 03-14 November 2007
More results

Description similaire - BF908

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF908 NXP-BF908 Datasheet
258Kb / 9P
   Dual-gate MOS-FETs
Rev. 03-14 November 2007
BF1100 PHILIPS-BF1100 Datasheet
159Kb / 14P
   Dual-gate MOS-FETs
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF908-R JMNIC-BF908-R_15 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
BF1100 JMNIC-BF1100_15 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
BF1100_2015 JMNIC-BF1100_2015 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1100 NXP-BF1100 Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
logo
Quanzhou Jinmei Electro...
BF908-R_2015 JMNIC-BF908-R_2015 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1102 NXP-BF1102_00 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
2000 Apr 11
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com