Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF820W Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BF820W
Description  NPN high-voltage transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF820W Fiches technique(HTML) 3 Page - NXP Semiconductors

  BF820W Datasheet HTML 1Page - NXP Semiconductors BF820W Datasheet HTML 2Page - NXP Semiconductors BF820W Datasheet HTML 3Page - NXP Semiconductors BF820W Datasheet HTML 4Page - NXP Semiconductors BF820W Datasheet HTML 5Page - NXP Semiconductors BF820W Datasheet HTML 6Page - NXP Semiconductors BF820W Datasheet HTML 7Page - NXP Semiconductors BF820W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Sep 03
3
Philips Semiconductors
Product specification
NPN high-voltage transistors
BF820W; BF822W
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1.
Transistor mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BF820W
300
V
BF822W
250
V
VCEO
collector-emitter voltage
open base
BF820W
300
V
BF822W
250
V
VEBO
emitter-base voltage
open collector
5V
IC
collector current (DC)
50
mA
ICM
peak collector current
100
mA
IBM
peak base current
50
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
625
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 200 V
10
nA
IE = 0; VCB = 200 V; Tj = 150 °C
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
50
nA
hFE
DC current gain
IC = 25 mA; VCE =20V
50
VCEsat
collector-emitter saturation voltage
IC = 30 mA; IB = 5mA; note 1
600
mV
Cre
feedback capacitance
IC =ic = 0; VCB = 30 V; f = 1 MHz
1.6
pF
fT
transition frequency
IC = 10 mA; VCE = 10 V; f = 100 MHz
60
MHz


Numéro de pièce similaire - BF820W

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
BF820W KEXIN-BF820W Datasheet
47Kb / 1P
   NPN High-Voltage Transistor
logo
NXP Semiconductors
BF820W NXP-BF820W Datasheet
114Kb / 6P
   NPN high-voltage transistor
2003 Sep 09
logo
Nexperia B.V. All right...
BF820W NEXPERIA-BF820W Datasheet
302Kb / 7P
   NPN high-voltage transistor
2003 Sep 09
logo
NXP Semiconductors
BF820W PHILIPS-BF820W_15 Datasheet
114Kb / 6P
   NPN high-voltage transistor
2003 Sep 09
More results

Description similaire - BF820W

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com