Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MAX8737 Fiches technique(PDF) 6 Page - Maxim Integrated Products

No de pièce MAX8737
Description  Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8737 Fiches technique(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8737 Datasheet HTML 2Page - Maxim Integrated Products MAX8737 Datasheet HTML 3Page - Maxim Integrated Products MAX8737 Datasheet HTML 4Page - Maxim Integrated Products MAX8737 Datasheet HTML 5Page - Maxim Integrated Products MAX8737 Datasheet HTML 6Page - Maxim Integrated Products MAX8737 Datasheet HTML 7Page - Maxim Integrated Products MAX8737 Datasheet HTML 8Page - Maxim Integrated Products MAX8737 Datasheet HTML 9Page - Maxim Integrated Products MAX8737 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Dual, Low-Voltage Linear Regulator Controllers
with External MOSFETs
6
_______________________________________________________________________________________
DRV TRANSCONDUCTANCE
DISTRIBUTION
TRANSCONDUCTANCE (S)
1.3
1.0
0.8
10
20
30
40
50
0
0.5
1.5
SAMPLE SIZE = 150
OUT1
OUT2
OUTPUT-VOLTAGE DEVIATION
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-2
-1
0
1
2
3
-3
-40
85
0.1110
0.001
0.01
GAIN AND PHASE
(OUT1)
60
MAX8737 toc15
20
0
40
-20
180
0
-90
90
-180
FREQUENCY (MHz)
1.5V OUTPUT, 1A LOAD, COUT = (1) 10
µF 1206 16V CERAMIC
0.1110
0.001
0.01
GAIN AND PHASE
(OUT2)
60
MAX8737 toc16
20
0
40
-20
180
0
-90
90
-180
FREQUENCY (MHz)
1.05V OUTPUT, 2A LOAD, COUT = (1) 22
µF 1206 6V CERAMIC
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
2
µs/div
FOLDBACK CURRENT LIMIT
(SHORT-CIRCUIT RESPONSE)
10V
C
A
D
MAX8737 toc10
1.50V
5V
3V
20A
0
A. GATE OF FET LOAD, 10V/div
B. DRV1, 1V/div
C. MOSFET CURRENT, 20A/div
D. LD01 OUTPUT
VOLTAGE, 2V/div
E. PGOOD1, 5V/div
B
0
0
0
1.5V
E
OUTPUT OFFSET VOLTAGE
DISTRIBUTION
OUTPUT OFFSET VOLTAGE (mV)
3
0
-3
10
20
30
40
50
0
-5
5
SAMPLE SIZE = 150
OUT1
OUT2
CURRENT-LIMIT THRESHOLD
DISTRIBUTION
CURRENT LIMIT (mV)
11.3
10.0
8.8
10
20
30
40
50
0
7.5
12.5
SAMPLE SIZE = 150
OUT1
OUT2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn