Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MAX8737 Fiches technique(PDF) 5 Page - Maxim Integrated Products

No de pièce MAX8737
Description  Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8737 Fiches technique(HTML) 5 Page - Maxim Integrated Products

  MAX8737 Datasheet HTML 1Page - Maxim Integrated Products MAX8737 Datasheet HTML 2Page - Maxim Integrated Products MAX8737 Datasheet HTML 3Page - Maxim Integrated Products MAX8737 Datasheet HTML 4Page - Maxim Integrated Products MAX8737 Datasheet HTML 5Page - Maxim Integrated Products MAX8737 Datasheet HTML 6Page - Maxim Integrated Products MAX8737 Datasheet HTML 7Page - Maxim Integrated Products MAX8737 Datasheet HTML 8Page - Maxim Integrated Products MAX8737 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Dual, Low-Voltage Linear Regulator Controllers
with External MOSFETs
_______________________________________________________________________________________
5
100
µs/div
SOFT-STOP
(EN FALLING EDGE)
5V
3V
C
A
D
MAX8737 toc04
0
0
0
0
1.5V
5V
A. EN1, 5V/div
B. DRV1, 2V/div
NO LOAD
C. LDO1 OUTPUT, 1V/div
D. PGOOD1, 5V/div
B
2ms/div
SOFT-START
(UVLO RISING EDGE)
5V
3V
C
A
D
MAX8737 toc05
0
0
0
0
1.5V
5V
A. 5V BIAS (VCC), 5V/div
B. DRV1, 2V/div
NO LOAD, EN = VCC
C. LDO1 OUTPUT, 1V/div
D. PGOOD1, 5V/div
B
2ms/div
SOFT-STOP
(UVLO FALLING EDGE)
5V
3V
C
A
D
MAX8737 toc06
0
0
0
0
1.5V
5V
A. 5V BIAS (VCC), 5V/div
B. DRV1, 2V/div
NO LOAD, EN = VCC
C. LDO1 OUTPUT, 1V/div
D. PGOOD1, 5V/div
B
10
µs/div
LOAD TRANSIENT
(0.1A TO 2.1A)
0
0.1A
C
A
D
MAX8737 toc07
1.50V
1.49V
2.1A
3.2V
2.8V
A. CONTROL SIGNAL
B. LOAD CURRENT, 2A/div
C. DRV1, 500mV/div
D. LDO1 OUTPUT VOLTAGE,
10mV/div
B
1.51V
10
µs/div
LOAD TRANSIENT
(NO LOAD TO 2A)
0
0
C
A
D
MAX8737 toc08
1.50V
1.45V
2A
3.2V
2.7V
A. CONTROL SIGNAL
B. LOAD CURRENT, 2A/div
C. DRV1, 1V/div
D. LDO1 OUTPUT VOLTAGE,
50mV/div
B
1.7V
2
µs/div
LOAD TRANSIENT
(NO LOAD TO 2A)
0
0
C
A
D
MAX8737 toc09
1.50V
1.45V
2A
3.2V
2.7V
A. CONTROL SIGNAL
B. LOAD CURRENT, 2A/div
C. DRV1, 1V/div
D. LDO1 OUTPUT VOLTAGE,
50mV/div
B
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn