Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-A36BH9E-FREQ Fiches technique(PDF) 1 Page - Nel Frequency Controls,inc

No de pièce SD-A36BH9E-FREQ
Description  LVPECL UHF VCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEL [Nel Frequency Controls,inc]
Site Internet  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-A36BH9E-FREQ Fiches technique(HTML) 1 Page - Nel Frequency Controls,inc

  SD-A36BH9E-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SD-A36BH9E-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc SD-A36BH9E-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LVPECL UHF VCXO
SD-X36BXXX Series
Description
The SD-X36BXXX Series of voltage controlled crystal oscillators (VCXO) provides ultra high frequency with
LVPECL complementary outputs. The outputs can be Tri-stated for test automation or combining multiple
clocks. The device is based on low noise analog harmonic multiplication for higher frequencies, and
packaged in a miniature, low profile leadless ceramic SMD package with 6 gold plated pads.
Applications and Features
• Wide frequency range – 38.0MHz to 800.000MHz
• Fiber Channel; 10 GbE; Infiniband; Network Processors; SOHO Routing
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Low Phase Noise, Low Jitter
• High shock resistance, to 1000g
• Ultra High Frequency
• Absolute Pull Range (APR) to ±100 ppm
• Grounded lid and internal by-pass capacitor reduce EMI
• RoHS Compliant, Lead Free Construction
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0629G
Rev. A
SD - X 36B X X X - FREQ
Package Code
Absolute Pull Range, ppm
SD
6 pad 5x7mm SMD
E ±20
F ±32
Input Voltage
G ±50
A
3.3V±5%
H ±100
B
2.5V±5%
9 Customer specific
Enable Option
Temperature Range, °C
H
Enable High
A
0 to 50
L
Enable Low
B
0 to 70
C
-20 to 70
D
-40 to 85
9
Customer specific
Creating a Part Number


Numéro de pièce similaire - SD-A36BH9E-FREQ

FabricantNo de pièceFiches techniqueDescription
logo
Nel Frequency Controls,...
SD-A3670 NEL-SD-A3670 Datasheet
210Kb / 2P
   Frequency Range: 70.0 MHz to 200.0 MHz
SD-A3670-FREQ NEL-SD-A3670-FREQ Datasheet
210Kb / 2P
   Frequency Range: 70.0 MHz to 200.0 MHz
SD-A3679-FREQ NEL-SD-A3679-FREQ Datasheet
210Kb / 2P
   Frequency Range: 70.0 MHz to 200.0 MHz
SD-A367C-FREQ NEL-SD-A367C-FREQ Datasheet
210Kb / 2P
   Frequency Range: 70.0 MHz to 200.0 MHz
SD-A36AL99-FREQ NEL-SD-A36AL99-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
More results

Description similaire - SD-A36BH9E-FREQ

FabricantNo de pièceFiches techniqueDescription
logo
Nel Frequency Controls,...
SD-X36AXXX NEL-SD-X36AXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
   PECL/LVPECL UHF VCXO
AB-X36DXXX NEL-AB-X36DXXX Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
logo
Advanced XTAL Products
AXIS50-11 AXTAL-AXIS50-11 Datasheet
248Kb / 2P
   UHF VCXO with LVPECL or Sinus Output
logo
Raltron Electronics Cor...
VS9P RALTRON-VS9P Datasheet
589Kb / 3P
   LOW COST UHF/HF VCXO, LVPECL, 3.3 VDC
logo
Renesas Technology Corp
IDT8CA3V76-0137 RENESAS-IDT8CA3V76-0137 Datasheet
438Kb / 16P
   LVPECL Frequency VCXO
MARCH 22, 2012
logo
Crystek Corporation
CVPD-940 CRYSTEKCRYSTAL-CVPD-940_15 Datasheet
119Kb / 2P
   Differential LVPECL VCXO
CVPD-970 CRYSTEKCRYSTAL-CVPD-970_15 Datasheet
147Kb / 2P
   Differential LVPECL VCXO
logo
AiT Semiconductor Inc.
KVPM AITSEMI-KVPM Datasheet
239Kb / 1P
   SMD LVPECL VCXO
KVP3225 AITSEMI-KVP3225 Datasheet
253Kb / 1P
   SMD LVPECL VCXO
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com