Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC13122 Fiches technique(PDF) 10 Page - Motorola, Inc

No de pièce MC13122
Description  AMAX STEREO CHIPSET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13122 Fiches technique(HTML) 10 Page - Motorola, Inc

Back Button MC13122 Datasheet HTML 6Page - Motorola, Inc MC13122 Datasheet HTML 7Page - Motorola, Inc MC13122 Datasheet HTML 8Page - Motorola, Inc MC13122 Datasheet HTML 9Page - Motorola, Inc MC13122 Datasheet HTML 10Page - Motorola, Inc MC13122 Datasheet HTML 11Page - Motorola, Inc MC13122 Datasheet HTML 12Page - Motorola, Inc MC13122 Datasheet HTML 13Page - Motorola, Inc MC13122 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MC13027 MC13122
10
MOTOROLA ANALOG IC DEVICE DATA
MC13027 PIN FUNCTION DESCRIPTION
Pin
Name
Internal Equivalent Circuit
Description
1
WB AGC In
VCC
1
3.3 V
WB AGC In
R2
15 k
20 k
Wideband AGC Input
The input impedance to the WB AGC detector is
15 k and is internally biased so it must be coupled
through a capacitor. The threshold can be
increased by adding a resistor in series with the
input. The WB AGC begins at about 1.0 mV. In car
radios, this input should be connected to the
collector of the RF amplifier cascode stage through
a resistor and capacitor. A 68 pF to ground will
prevent undesired high frequency signals from
activating the WB AGC and make the sensitivity
more uniform across the band.
2
Blanker AGC
2
NB AGC
D1
D2
Blanker AGC
The capacitor to ground is the bypass for the noise
blanker AGC circuit. The noise blanker can be
disabled by grounding this pin. 10
µF is used in the
application, but it can be changed to match the
time constant of the main IF AGC in the MC13122,
Pin 4.
3
Feedback
3
NB Feedback
11 k
Blanker Feedback
This pin is the dc feedback to the input stage of the
wide band amplifier.
4
4.0 V Reg
4
7
4.0 V Reg
4.0 V Filter
Buffer
4.0 V Regulator
The 4.0 V regulator supplies low impedance bias to
many of the circuits in the IC. It should be
bypassed to a ground near Pin 5.
7
4.0 V Filt
VCC
4.7 k
Reg
4.0 V Filter
The external capacitor works with internal 4.7 k to
filter noise from the bandgap regulator.
5
Gnd
5
RF Gnd
RF Ground
This pin is the ground for the RF section, blanker
RF, filters and all radio circuits except the IF. In the
PCB layout, the ground pin should be used as the
internal return ground in the RF circuits.
6
BlkRF/MixIn
6
11
Mixer Out
Mixer/
Blanker In
LO +
VCC
LO
50
50
50
50
VCC
4.0 V
Mixer Input/Blanker RF Input
The blanker RF input must be biased from the
4.0 V on Pin 4. The mixer input is to two bases of
the upper mixer transistors. A low impedance dc
path to the 4.0 V on Pin 4 is required. Normally,
this would be a coil secondary connected between
Pins 6 and 4.
11
Mixer Out
750
LO–
Mixer Output
A single ended output of a double balanced mixer.
A load resistor to supply is chosen to match the
ceramic filter, typically 1.5 k to 1.8 k. Output
current is 830
µA.


Numéro de pièce similaire - MC13122

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC1312P MOTOROLA-MC1312P Datasheet
387Kb / 12P
   CBS SQ LOGIC DECODER SYSTEM
More results

Description similaire - MC13122

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AMD-750 AMD-AMD-750 Datasheet
322Kb / 12P
   Chipset
logo
Intel Corporation
301467-005 INTEL-301467-005 Datasheet
3Mb / 426P
   Express Chipset
317610-001 INTEL-317610-001 Datasheet
2Mb / 342P
   Express Chipset
317607-001 INTEL-317607-001 Datasheet
2Mb / 351P
   Express Chipset
logo
Advantech Co., Ltd.
IDAQ-964 ADVANTECH-IDAQ-964 Datasheet
212Kb / 1P
   4-slot Industrial DAQ Chassis Module for AMAX-5000 Controllers
8-Feb-2022
logo
Macronix International
MX86251 MCNIX-MX86251 Datasheet
497Kb / 32P
   3D graphic chipset
logo
Cyrustek corporation
ES51920 CYRUSTEK-ES51920 Datasheet
444Kb / 11P
   LCR meter chipset
logo
List of Unclassifed Man...
CS1100 ETC-CS1100 Datasheet
169Kb / 2P
   Powerline Networking Chipset
logo
Quantum Research Group
MSM6500 QUANTUM-MSM6500 Datasheet
366Kb / 8P
   MSM6500??CHIPSET SOLUTION
logo
Axiomtek Co., Ltd.
SBC84710 AXIOMTEK-SBC84710 Datasheet
271Kb / 1P
   VIA CX700M chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com