Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC13122 Fiches technique(PDF) 7 Page - Motorola, Inc

No de pièce MC13122
Description  AMAX STEREO CHIPSET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13122 Fiches technique(HTML) 7 Page - Motorola, Inc

Back Button MC13122 Datasheet HTML 3Page - Motorola, Inc MC13122 Datasheet HTML 4Page - Motorola, Inc MC13122 Datasheet HTML 5Page - Motorola, Inc MC13122 Datasheet HTML 6Page - Motorola, Inc MC13122 Datasheet HTML 7Page - Motorola, Inc MC13122 Datasheet HTML 8Page - Motorola, Inc MC13122 Datasheet HTML 9Page - Motorola, Inc MC13122 Datasheet HTML 10Page - Motorola, Inc MC13122 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MC13027 MC13122
7
MOTOROLA ANALOG IC DEVICE DATA
Figure 4. MC13027 Internal Block Diagram
20
19
18
17
16
15
14
13
12
11
123
456
789
10
WB AGC Amp
Mixer
IF Amp
NB Amp
VCC
÷4
RF Time
MV
AF Del
MV
AF Time
MV
X1
Reg
X1
WB AGC
In
Blanker
AGC
Feedback
4.0 V Reg
RF Gnd
Mixer In
Blanker RF In
4.0 Filter
VCC
VCO
LO Out
WB AGC
Out
Audio
Blank Time
Audio
Blank Pulse
Audio Blank
Delay Time
IF Out
RF Blank
Time
IF In
Gnd2
RF Blank
Mixer Out
MC13027 FUNCTIONAL DESCRIPTION
The MC13027 contains the mixer, wide band AGC
system, local oscillator, IF pre–amplifier and noise blanker for
an AM radio receiver. It is designed to be used with the
MC13122 to produce a complete AM stereo receiver. The
VCO runs at 4 (Fin+FIF) and is divided internally by 4 for the
mixer input and local oscillator buffered output. Dividing the
VCO reduces the phase noise for AM stereo applications.
The noise blanker input is connected in parallel with the
mixer input at Pin 6. The noise blanker circuitry contains a
high gain amplifier with its own AGC so it remains linear
throughout the mixer’s linear range. It can detect noise
pulses as low as 120
µV and generates three pulses when
the noise threshold is exceeded. The width and timing of the
blanking pulses is set by the resistors connected to Pins 15,
17 and 19. The resistor on Pin 15 sets the length of the RF
blanking pulse and determines the time the transistor on
Pin 12 is “on”. The audio blanking pulse delay is set by the
resistor on Pin 17 and the width by the resistor on Pin 19.
This is necessary because the IF filtering delays and
stretches the noise as it arrives at the detector. The transistor
on Pin 18 goes “on” to cause noise blanking in the track and
hold circuit in the MC13122 (Pin 15).
Wideband AGC is used in auto receivers to prevent
overload – it drives the base of a cascode transistor RF
amplifier and also a pin diode at the antenna (See Figures 6
and 7).
A low gain IF amplifier between Pins 14 and 16 is used as
a buffer amplifier between the mixer output filter and IF filter.
The input resistance of the IF amplifier is designed to match
a ceramic IF filter. The gain of the IF amplifier is determined
by the impedance of the load on Pin 16.


Numéro de pièce similaire - MC13122

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC1312P MOTOROLA-MC1312P Datasheet
387Kb / 12P
   CBS SQ LOGIC DECODER SYSTEM
More results

Description similaire - MC13122

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AMD-750 AMD-AMD-750 Datasheet
322Kb / 12P
   Chipset
logo
Intel Corporation
301467-005 INTEL-301467-005 Datasheet
3Mb / 426P
   Express Chipset
317610-001 INTEL-317610-001 Datasheet
2Mb / 342P
   Express Chipset
317607-001 INTEL-317607-001 Datasheet
2Mb / 351P
   Express Chipset
logo
Advantech Co., Ltd.
IDAQ-964 ADVANTECH-IDAQ-964 Datasheet
212Kb / 1P
   4-slot Industrial DAQ Chassis Module for AMAX-5000 Controllers
8-Feb-2022
logo
Macronix International
MX86251 MCNIX-MX86251 Datasheet
497Kb / 32P
   3D graphic chipset
logo
Cyrustek corporation
ES51920 CYRUSTEK-ES51920 Datasheet
444Kb / 11P
   LCR meter chipset
logo
List of Unclassifed Man...
CS1100 ETC-CS1100 Datasheet
169Kb / 2P
   Powerline Networking Chipset
logo
Quantum Research Group
MSM6500 QUANTUM-MSM6500 Datasheet
366Kb / 8P
   MSM6500??CHIPSET SOLUTION
logo
Axiomtek Co., Ltd.
SBC84710 AXIOMTEK-SBC84710 Datasheet
271Kb / 1P
   VIA CX700M chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com