Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM-A287A-FREQ Datasheet(Fiches technique) 2 Page - Nel Frequency Controls,inc

Numéro de pièce SM-A287A-FREQ
Description  Differential Positive ECL (DPECL)
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NEL [Nel Frequency Controls,inc]
Site Internet  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SM-A287A-FREQ Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  SM-A287A-FREQ Datenblatt HTML 1Page - Nel Frequency Controls,inc SM-A287A-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
HS-A2870 Series
Continued
Differential Positive ECL (DPECL)
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
15.0MHz
-----
250.0MHz
Duty Cycle
-----
@V
CC-1.29V
45/55%
-----
55/45%
Logic 0 (2)
V
OL
-----
V
CC-1.95V
-----
V
CC-1.60V
Logic 1(2)
V
OH
-----
V
CC-1.02V
-----
V
CC-0.74V
Rise & Fall Time
tr,tf
20-80%V
O with 50 ohm load to VCC-2V -----
1.0 ns
1.5 ns
Tpd (4)
-----
-----
-0.5 ns
-----
+0.5 ns
Jitter, RMS(3)
-----
-----
-----
-----
5 psec
Frequency Stability (1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
V
CC
-----
3.15V
3.3V
3.45V
Supply Current
I
CC
50 ohm termination
0.0 mA
-----
80 mA
To 2.00V below V
CC
Output current
I
O
Low level Output Current 0.0 mA
-----
±50.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
276 mW
Lead temperature
T
L
Soldering, 10 sec.
-----
-----
300°C
Load
50 Ohm to V
CC-2V or Thevenin Equivalent, Bias Required
Start-up time
t
S
-----
-----
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Soldering Condition
300°C for 10 seconds
Hermetic Seal
Leak rate less than 1 x 10 -8 atm.cc/sec of helium
ESD Sensitivity
Human Body Model per ON Semiconductor 10kH series ECL: 500V min.
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) V
OL, VOH, referenced to ground (VEE) with VCC = 3.3V
3) Jitter performance is frequency dependent. Please contact factory for full characterization.
RMS jitter bandwidth of 12kHz to 20MHz.
4) Tpd is phase shift between the falling edge of pin 8 at V
CC-1.29V and rising edge of pin 1 at VCC-1.29V.
Rev. T
CRYSTAL CLOCK OSCILLATORS
HS - A287X - FREQ
Package Code
Tolerance/Performance
HS Leaded 4 pin (14 pin)
0 ±100ppm 0-70°C
SM Leaded 4 pin (14 pin ) SMD
1 ±50ppm 0-70°C
Gull Wing
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
5V
C ±100ppm -40 to +85°C
Creating a Part Number
Data Sheet 9544B


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SD-A29H0Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc
SU-A29F0Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
HA-2870Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
HK-2900Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
HK-2910Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
HS-2920Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc
HS-A2920Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc
SJ-2870Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
PJ-B2980CRYSTAL CLOCK OSCILLATORS Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc
SJ-A2920Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn