Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM-A169-FREQ Datasheet(Fiches technique) 1 Page - Nel Frequency Controls,inc

Numéro de pièce SM-A169-FREQ
Description  Single Frequency Oscillator 53.125MHz
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NEL [Nel Frequency Controls,inc]
Site Internet  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SM-A169-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SM-A169-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SM-A169-FREQ Datenblatt HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
HS-169
Single Frequency Oscillator 53.125MHz
Description
The HS-169 crystal oscillator is designed to support the Tachyon
TM clocking requirements at 53.125MHz.
Features
• Meets HP TACHYON
TM Clock Generator
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Gold plated leads - Solder dipped leads available
upon request
• Low power consumption
• RoHS Compliant, Lead Free Construction
(unless solder dipped leads are supplied)
Electrical Connection
Pin
Connection
1
N.C.
7
Grd & Case
8
Output
14
V
CC
CRYSTAL CLOCK OSCILLATORS
Data Sheet 9826B
Rev. G


Html Pages

1  2