Moteur de recherche de fiches techniques de composants électroniques |
|
9221SH3AV2QD22 Fiches technique(PDF) 2 Page - ITT Industries |
|
9221SH3AV2QD22 Fiches technique(HTML) 2 Page - ITT Industries |
2 / 6 page G–49 G C&K 9000 Series Power Toggle Switches SWITCH FUNCTION ACTUATOR 15/32-32 UNS-2A 15/32-32 UNS-2A 1/4 40 UNS-2A DPDT 2-1,5-4 2-3,5-6 ON ON ON ON 6 AMPS 10 AMPS 9201 9221 DP SCHEMATIC CONNECTED TERMINALS POS. 1 POS. 2 SWITCH FUNCTION POS. 1 POS. 2 RATING* MODEL NO. NO. POLES Terminal Nos. Molded On Side Of Case DPDT Part number shown: 9201SH3ZQE * See CONTACT MATERIAL, page G-52, for complete ratings. All 9000 Series models meet international dimensional and electrical requirements. 9221 model must be ordered with Z4 terminations and D seal option. ACTUATOR FINISH ACTUATOR S ANTIROTATION, .410" HIGH P3 FLATTED, ANTIROTATION, .450" HIGH T .687" HIGH, 15/32 BUSHING T1 .460" HIGH, 15/32 BUSHING Dress nut part number: 709901201 supplied standard with P3 actuator. NOTE: Black hardware is supplied when either black actuators or bushings are specified. All hardware is available separately, see Section O. Antirotation is standard on all actuators, provides ‘anti-push-in’ feature on actuator. NONE NATURAL ALUMINUM—With Nickel Plated Bushing 2 BLACK ACTUATOR FINISH OPTION CODE NOTE: Bushing option code not required for T & T1 actuators unless CW splashproof bushing ordered. Black hardware is supplied when either black actuators or bushings are specified. All hardware is available separately, see Section O. Antirotation is standard on all actuators except T & T1, provides ‘anti-push-in’ feature on actuator. NONE BRIGHT CHROME—With Nickel Plated Bushing 2 BLACK ACTUATOR FINISH OPTION CODE Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com |
Numéro de pièce similaire - 9221SH3AV2QD22 |
|
Description similaire - 9221SH3AV2QD22 |