Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9889PCB Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD9889PCB
Description  High Performance HDMI/DVI Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9889PCB Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD9889PCB Datasheet HTML 2Page - Analog Devices AD9889PCB Datasheet HTML 3Page - Analog Devices AD9889PCB Datasheet HTML 4Page - Analog Devices AD9889PCB Datasheet HTML 5Page - Analog Devices AD9889PCB Datasheet HTML 6Page - Analog Devices AD9889PCB Datasheet HTML 7Page - Analog Devices AD9889PCB Datasheet HTML 8Page - Analog Devices AD9889PCB Datasheet HTML 9Page - Analog Devices AD9889PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD9889A
Rev. 0 | Page 6 of 12
Pin No.
Mnemonic
Type1
Description
F9
SDA
C2
Serial Port Data I/O. This pin serves as the serial port data I/O slave for register access. Supports
CMOS logic levels from 1.8 V to 3.3 V.
F10
SCL
C2
Serial Port Data Clock. This pin serves as the serial port data clock slave for register access. Supports
CMOS logic levels from 1.8 V to 3.3 V.
E10
MDA
C2
Serial Port Data I/O Master to HDCP Key EEPROM. Supports CMOS logic levels from 1.8 V to 3.3 V.
E9
MCL
C2
Serial Port Data Clock Master to HDCP Key EEPROM. Supports CMOS logic levels from 1.8 V to 3.3 V.
G9
DDCSDA
C2
Serial Port Data I/O to Receiver. This pin serves as the master to the DDC bus. 5 V CMOS logic level.
G10
DDCSCL
C2
Serial Port Data Clock to Receiver. This pin serves as the master clock for the DDC bus. 5 V CMOS
logic level.
1 I = input, O = output, P = power supply, C = control.
2 For a full description of the 2-wire serial interface and its functionality obtain documentation by contacting NDA from flatpanel_apps@analog.com.


Numéro de pièce similaire - AD9889PCB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9889PCB AD-AD9889PCB Datasheet
2Mb / 48P
   HIGH PERFORMANCE HDMI-TM / DVI TRANSMITTER
REV. 0
More results

Description similaire - AD9889PCB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B_15 Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889 AD-AD9889 Datasheet
2Mb / 48P
   HIGH PERFORMANCE HDMI-TM / DVI TRANSMITTER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com