Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9221SHAV2QD2 Fiches technique(PDF) 3 Page - ITT Industries

No de pièce 9221SHAV2QD2
Description  Power Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

9221SHAV2QD2 Fiches technique(HTML) 3 Page - ITT Industries

  9221SHAV2QD2 Datasheet HTML 1Page - ITT Industries 9221SHAV2QD2 Datasheet HTML 2Page - ITT Industries 9221SHAV2QD2 Datasheet HTML 3Page - ITT Industries 9221SHAV2QD2 Datasheet HTML 4Page - ITT Industries 9221SHAV2QD2 Datasheet HTML 5Page - ITT Industries 9221SHAV2QD2 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
G–50
G
C&K 9000 Series
Power Toggle Switches
ACTUATOR
BUSHING
15/32-32 UNS-2A
1/4-40 UNS-2A
1/4-40 UNS-2A
Locking Positions
2 Position Lock
1/4-40 UNS-2A
1/4-40 UNS-2A
K
LOCKING LEVER, .650" HIGH, THREADED
H3 .296" HIGH, THREADED, KEYWAY
H
.296" HIGH, THREADED, FLAT
CW
SPLASHPROOF, 15/32 BUSHING
L40
LEVER HANDLE
WITHOUT CAP
L43
PLASTIC LEVER HANDLE WITH
ANTIROTATION AND CAP, P/N 4812
K1
LOCKING LEVER, .680" HIGH, THREADED
NOTE: To prevent accidental actuation, toggles must be lifted before being
actuated. When released, toggles again lock in place. Bushing option code
not required. Overtightening mounting nut may cause actuator to bind.
NOTE: Lever handle actuator L43 supplied, but not installed. For interchangeability, order L40 actuator option and order lever handles separately, see page G-53.
Antirotation is standard on all actuators, provides ‘anti-push-in’ feature.
Internal actuator seal standard. External
bushing seal washer available separately,
order from: Multi-Flex Seals, Inc.,
Hackensack, NJ. Part number: MFS-60064.
NOTE: Two mounting nuts, locking ring and lockwasher supplied standard with threaded bushings.
Black hardware is supplied when either black bushings or actuators are specified. Optional mounting
nut and locking ring styles and finishes available, see Section O.
Will withstand 12 in./lbs. of torque with no distortion.
For T & T1 actuators only.
Finish: Matte
Other colors available, consult Customer
Service Center.
No color choice required.
2
BLACK
NONE
No Actuator Color (L40 option)
ACTUATOR CAP COLOR
OPTION
CODE
NONE
NICKEL
2
BLACK
BUSHING
FINISH
OPTION
CODE
.
NONE
NATURAL ALUMINUM–With Nickle Plated Bushing
2
BLACK ANODIZED ALUMINUM
ACTUATOR CAP FINISH
OPTION
CODE
BUSHING FINISH
BUSHING
ACTUATOR FINISH
ACTUATOR
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Numéro de pièce similaire - 9221SHAV2QD2

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
9221SH3ZQE22 CK-COMPONENTS-9221SH3ZQE22 Datasheet
357Kb / 5P
   Power Toggle Switches
More results

Description similaire - 9221SHAV2QD2

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
9000 CK-COMPONENTS-9000 Datasheet
357Kb / 5P
   Power Toggle Switches
9000TOGGLE CK-COMPONENTS-9000TOGGLE Datasheet
619Kb / 5P
   Power Toggle Switches
10 jul 18
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com