Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1109 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BF1109
Description  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1109 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button BF1109 Datasheet HTML 2Page - NXP Semiconductors BF1109 Datasheet HTML 3Page - NXP Semiconductors BF1109 Datasheet HTML 4Page - NXP Semiconductors BF1109 Datasheet HTML 5Page - NXP Semiconductors BF1109 Datasheet HTML 6Page - NXP Semiconductors BF1109 Datasheet HTML 7Page - NXP Semiconductors BF1109 Datasheet HTML 8Page - NXP Semiconductors BF1109 Datasheet HTML 9Page - NXP Semiconductors BF1109 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1997 Dec 08
6
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
Fig.9
Drain current as a function of drain-source
voltage; typical values.
VG2-S =4V.
Tj =25 °C.
handbook, halfpage
02
10
16
12
4
0
8
46
8
MDA617
ID
(mA)
VDS (V)
Fig.10 Drain current as a function of gate 1 current;
typical values.
VDS = 9 V; VG2-S = 4 V; Tj =25 °C.
handbook, halfpage
−8
−6
−40
MDA618
−2
16
8
12
4
0
ID
(mA)
IG1 (µA)
VDS = 9 V; VG2nom = 4 V; IDnom = 12 mA; fw = 50 MHz;
funw = 60 MHz; Tamb =25 °C.
Fig.11 Unwanted voltage for 1% cross-modulation
as a function of gain reduction;
typical values (see Fig.18).
handbook, halfpage
020
Vunw
(dB
µV)
gain reduction (dB)
40
60
120
110
90
80
100
MDA619


Numéro de pièce similaire - BF1109

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1109 NXP-BF1109 Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109R NXP-BF1109R Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109WR NXP-BF1109WR Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results

Description similaire - BF1109

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com