Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM-A283B-FREQ Datasheet(Fiches technique) 1 Page - Nel Frequency Controls,inc

Numéro de pièce SM-A283B-FREQ
Description  CRYSTAL CLOCK OSCILLATORS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NEL [Nel Frequency Controls,inc]
Site Internet  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SM-A283B-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SM-A283B-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SM-A283B-FREQ Datenblatt HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
ECL
HS-2830 Series
Description
The HS-2830 Series of quartz crystal oscillators provide F 100K series compatible signals in industry
standard four-pin DIP hermetic packages. Systems designers may now specify space-saving, cost-
effective packaged ECL oscillators to meet their timing requirements.
Features
• Wide frequency range–15.0MHz to 250.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• Metal lid electrically connected to ground to
reduce EMI
• Low Jitter
• F 100K series compatible output on Pin 8,
complement on Pin 1
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads - Solder dipped leads available
upon request
• RoHS Compliant, Lead Free Construction
(unless solder dipped leads are supplied)
Electrical Connection
Pin
Connection
1
Output Complement
7
V
EE -4.5V
8
Output
14
V
CC Ground
Dimensions in inches and (MM)
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0012L
Rev. G


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
HS-1200CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
SC-A1470CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
HS-600Crystal Clock Oscillators 1 2 Nel Frequency Controls,inc
HS-A1450CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
SJ-A870CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
PJ-A2980CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
SJ-B2870CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
SK-2900CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
K1400A5V Crystal Clock Oscillators 1 2 MTRONPTI
SJ-A2870CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn