Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PJ-A2D00 Fiches technique(PDF) 1 Page - Nel Frequency Controls,inc

No de pièce PJ-A2D00
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEL [Nel Frequency Controls,inc]
Site Internet  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

PJ-A2D00 Fiches technique(HTML) 1 Page - Nel Frequency Controls,inc

  PJ-A2D00 Datasheet HTML 1Page - Nel Frequency Controls,inc PJ-A2D00 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
LVDS
PJ-A2D00 Series
Description
The PJ-A2D00 Series of quartz crystal oscillators provide LVDS compatible signals in a ceramic SMD
package. Systems designers may now specify space-saving, cost-effective packaged LVDS oscillators to
meet their timing requirements.
Features
• Wide frequency range–80.0MHz to 312.5MHz
• User specified tolerance available
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 1000g
• 3.3 volt operation (other voltages available upon
request)
• Metal lid electrically connected to ground to
reduce EMI
• Enable/Disable
• LVDS output on pin 4, complement on Pin 5
• Low Jitter - Wavecrest jitter characterization
available
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• Overtone technology
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads
• RoHS Compliant, Lead Free Construction
Electrical Connection
Pin
Connection
1
Enable/Disable
2
N.C.
3
Ground
4
Output
5
Output
Complement
6
V
CC
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0208E
Rev. J


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
HS-1200 CRYSTAL CLOCK OSCILLATORS 1  2  List of Unclassifed Manufacturers
SC-A1470 CRYSTAL CLOCK OSCILLATORS 1  2  List of Unclassifed Manufacturers
HS-600 Crystal Clock Oscillators 1  2  Nel Frequency Controls,inc
HS-A1440 CRYSTAL CLOCK OSCILLATORS 1  2  Nel Frequency Controls,inc
SJ-A870 CRYSTAL CLOCK OSCILLATORS 1  2  Nel Frequency Controls,inc
HS-A1450 CRYSTAL CLOCK OSCILLATORS 1  2  Nel Frequency Controls,inc
SJ-B2870 CRYSTAL CLOCK OSCILLATORS 1  2  Nel Frequency Controls,inc
SK-2900 CRYSTAL CLOCK OSCILLATORS 1  2  List of Unclassifed Manufacturers
K1400A 5V Crystal Clock Oscillators 1  2  MTRONPTI
SJ-A2870 CRYSTAL CLOCK OSCILLATORS 1  2  List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn