Moteur de recherche de fiches techniques de composants électroniques |
|
UA78M05IDCY Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
UA78M05IDCY Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 18 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) UA78M05CDCY ACTIVE SOT-223 DCY 4 80 TBD CU SN Level-2-235C-1 YEAR UA78M05CDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1YEAR UA78M05CDCYR ACTIVE SOT-223 DCY 4 2500 TBD CU SN Level-2-235C-1 YEAR UA78M05CDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1YEAR UA78M05CKC NRND TO-220 KC 3 50 Pb-Free (RoHS) CU SN N / A for Pkg Type UA78M05CKCS ACTIVE TO-220 KCS 3 50 TBD CU SN N / A for Pkg Type UA78M05CKTPR NRND PFM KTP 2 3000 TBD CU SNPB Level-1-220C-UNLIM UA78M05CKTPRG3 NRND PFM KTP 2 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM UA78M05CKVURG3 ACTIVE PFM KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR UA78M05IDCY ACTIVE SOT-223 DCY 4 80 TBD CU SN Level-2-235C-1 YEAR UA78M05IDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1YEAR UA78M05IDCYR ACTIVE SOT-223 DCY 4 2500 TBD CU SN Level-2-235C-1 YEAR UA78M05IDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1YEAR UA78M05IKC NRND TO-220 KC 3 50 Pb-Free (RoHS) CU SN N / A for Pkg Type UA78M05IKCE3 NRND TO-220 KC 3 50 Pb-Free (RoHS) CU SN N / A for Pkg Type UA78M05IKCS ACTIVE TO-220 KCS 3 50 TBD CU SN N / A for Pkg Type UA78M05IKCSE3 ACTIVE TO-220 KCS 3 50 Pb-Free (RoHS) CU SN N / A for Pkg Type UA78M05IKTPR NRND PFM KTP 2 3000 TBD CU SNPB Level-1-220C-UNLIM UA78M05IKTPRG3 NRND PFM KTP 2 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM UA78M05IKVURG3 ACTIVE PFM KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR UA78M06CKC OBSOLETE TO-220 KC 3 TBD Call TI Call TI UA78M06CKTPR NRND PFM KTP 2 3000 TBD CU SNPB Level-1-220C-UNLIM UA78M06CKTPRG3 NRND PFM KTP 2 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM UA78M06CKVURG3 ACTIVE PFM KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR UA78M08CDCY ACTIVE SOT-223 DCY 4 80 TBD CU SN Level-2-235C-1 YEAR UA78M08CDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1YEAR UA78M08CDCYR ACTIVE SOT-223 DCY 4 2500 TBD CU SN Level-2-235C-1 YEAR UA78M08CDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1YEAR UA78M08CKC NRND TO-220 KC 3 50 Pb-Free (RoHS) CU SN N / A for Pkg Type UA78M08CKCE3 NRND TO-220 KC 3 50 Pb-Free CU SN N / A for Pkg Type PACKAGE OPTION ADDENDUM www.ti.com 27-Oct-2006 Addendum-Page 1 |
Numéro de pièce similaire - UA78M05IDCY |
|
Description similaire - UA78M05IDCY |