Moteur de recherche de fiches techniques de composants électroniques |
|
9201SCWZQD Fiches technique(PDF) 4 Page - ITT Industries |
|
9201SCWZQD Fiches technique(HTML) 4 Page - ITT Industries |
4 / 6 page G–51 G C&K 9000 Series Power Toggle Switches BUSHING TERMINATIONS PANEL MOUNTING 1/4 INCH BUSHING 15/32 INCH BUSHING Without locking ring. With standard locking ring. With small locking ring. Without locking ring. With standard locking ring. PC MOUNTING BUSHING FINISH BUSHING Z SOLDER LUG Z4 .187" QUICK CONNECT C PC THRU-HOLE 9201 Only 9221 Only 9201 Only NOTE: Only termination available with 9221 model. Must be ordered with D seal option. Mates with standard .187 Nema female connector. Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com |
Numéro de pièce similaire - 9201SCWZQD |
|
Description similaire - 9201SCWZQD |