Moteur de recherche de fiches techniques de composants électroniques |
|
BCY79VIII Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
BCY79VIII Fiches technique(HTML) 6 Page - NXP Semiconductors |
6 / 8 page 1997 Jun 18 6 Philips Semiconductors Product specification PNP switching transistors BCY78; BCY79 PACKAGE OUTLINE REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ SOT18/13 TO-18 B11/C7 type 3 97-04-18 a α k D A L seating plane b D1 0 5 10 mm scale Metal-can cylindrical single-ended package; 3 leads SOT18/13 w A M M B M A 1 2 3 j B DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT w mm 5.31 4.74 0.47 0.41 5.45 5.30 4.70 4.55 1.03 0.94 1.1 0.9 15.0 12.7 α 0.40 45 ° Aa b D D1 jk L 2.54 |
Numéro de pièce similaire - BCY79VIII |
|
Description similaire - BCY79VIII |