Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4W-25 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce 4W-25
Description  THERMOPILE TYPE INFRARED SENSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

4W-25 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 4W-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
B:3350
B:3400
1k
10k
100k
Temperature(1/ Tx10
3)
THERMISTOR
"Thermistor" is the generic name given to
thermally sensitive resistors.
Negative temperature coefficient thermistor
is generally called as thermistor. Thermistor
is a semiconducting ceramic resistor
produced by sintering the materials at high
temperature and made mainly from metal
oxide.
Depending on the manufacturing method
and the structure, there are many shapes
and characteristics for various purposes
such as temperature measurement,
temperature compensation and etc.
The thermistor resistance values, unless
otherwise specified, are classified at a
standard temperature of 25 C.
B constant is calculated from the resistance
values at 25 C and 85 C.
The resistance of a temperature is solely a function
of its absolute temperature. Since electrical power
being dissipated within a temperature might heat
above its ambient temperature and thereby reduce
its resistance, it is necessary to test for resistance
with temperature. The resistance so measured is
called RT, which means the resistance at essentially
zero-power.
The mathematical expression which relates the
resistance and the absolute temperature of
a thermistor is as follows:
Ra Rb exp B
1
T1
1
T2
B
T2
Ra
T1
Where:
is the resistance at absolute temperature
is the resistance at absolute temperature
Rb
T2
B is a constant which depends on the
material of the thermistor
Unless otherwise specified,all values of B are
determined from measurements made at 25 C and
85 C.
The temperature coefficient of resistance
is expressed in the following equation:
100 (%/ C)
Resistance -Temperature Characteristics
Dissipation factor
Thermal time constant
Dissipation factor ( ) is power in milliwatts
required to raise thermistor temperature 1 C.
Measured with thermistor suspended by its leads in
a specified environment.
t:Raise temperature( C)
t
P
(mW/ C)
P :Power(mW)
Thermal time constant ( a) is the time required by a
thermistor to change 63% of the difference between
its initial and final temperature. Measured with
thermistor suspended by its leads in specified
environment.
95
87
63
a
2 a
3 a
5 a
Time (s)


Numéro de pièce similaire - 4W-25

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
4W-B SYSTEMSENSOR-4W-B Datasheet
221Kb / 2P
   Photoelectric Smoke Detectors
More results

Description similaire - 4W-25

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com