Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD132 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BD132
Description  PNP power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BD132 Fiches technique(HTML) 4 Page - NXP Semiconductors

  BD132 Datasheet HTML 1Page - NXP Semiconductors BD132 Datasheet HTML 2Page - NXP Semiconductors BD132 Datasheet HTML 3Page - NXP Semiconductors BD132 Datasheet HTML 4Page - NXP Semiconductors BD132 Datasheet HTML 5Page - NXP Semiconductors BD132 Datasheet HTML 6Page - NXP Semiconductors BD132 Datasheet HTML 7Page - NXP Semiconductors BD132 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Mar 04
4
Philips Semiconductors
Product specification
PNP power transistor
BD132
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −40 V
−−50
nA
IE = 0; VCB = −40 V; Tj = 150 °C
−−10
µA
IEBO
emitter cut-off current
IC = 0; VEB = −3V
−−50
nA
hFE
DC current gain
IC = −0.5 A; VCE = −12 V
40
IC = −2 A; VCE = −1 V; see Fig.2
20
VCEsat
collector-emitter saturation voltage
IC = −0.5 A; IB = −50 mA
−−300
mV
IC = −2 A; IB = −200 mA
−−700
mV
VBEsat
base-emitter saturation voltage
IC = −0.5 A; IB = −50 mA
−−1.2
V
IC = −2 A; IB = −200 mA
−−1.5
V
fT
transition frequency
IC = −0.25 A; VCE = −5V;
f = 100 MHz; Tamb =25 °C
60
MHz
handbook, full pagewidth
0
80
160
hFE
40
120
MGD841
10−1
1
IC (mA)
10
102
104
103
Fig.2 DC current gain; typical values.
VCE = −1V.


Numéro de pièce similaire - BD132

FabricantNo de pièceFiches techniqueDescription
logo
Savantic, Inc.
BD132 SAVANTIC-BD132 Datasheet
109Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BD132 COMSET-BD132 Datasheet
101Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD132 ISC-BD132 Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BD132 COMSET-BD132 Datasheet
63Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
Savantic, Inc.
BD132 SAVANTIC-BD132 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - BD132

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BD330 PHILIPS-BD330 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 26
BD830 PHILIPS-BD830 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 21
logo
Seme LAB
BDX16AA SEME-LAB-BDX16AA Datasheet
41Kb / 2P
   PNP POWER TRANSISTOR
logo
Solid States Devices, I...
TR0015H SSDI-TR0015H Datasheet
149Kb / 3P
   PNP Power Transistor
logo
Shenzhen Luguang Electr...
2SC3998 LUGUANG-2SC3998 Datasheet
511Kb / 3P
   PNP Power Transistor
Revision:20220728-P1
logo
Solid States Devices, I...
TR0015H SSDI-TR0015H_15 Datasheet
149Kb / 3P
   PNP Power Transistor
logo
STMicroelectronics
BD442 STMICROELECTRONICS-BD442 Datasheet
150Kb / 9P
   PNP power transistor
logo
TAITRON Components Inco...
2SB817E TAITRON-2SB817E Datasheet
217Kb / 3P
   Power Transistor (PNP)
logo
Shenzhen Jingdao Electr...
B647 JINGDAO-B647 Datasheet
49Kb / 3P
   PNP Power Transistor
logo
Solid States Devices, I...
TR0013A SSDI-TR0013A Datasheet
62Kb / 2P
   PNP POWER TRANSISTOR
logo
NXP Semiconductors
BD231 PHILIPS-BD231 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com