Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA2UOABAGPNTABWHT Fiches technique(PDF) 4 Page - E-SWITCH

No de pièce TA2UOABAGPNTABWHT
Description  PUSHBUTTON SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TA2UOABAGPNTABWHT Fiches technique(HTML) 4 Page - E-SWITCH

  TA2UOABAGPNTABWHT Datasheet HTML 1Page - E-SWITCH TA2UOABAGPNTABWHT Datasheet HTML 2Page - E-SWITCH TA2UOABAGPNTABWHT Datasheet HTML 3Page - E-SWITCH TA2UOABAGPNTABWHT Datasheet HTML 4Page - E-SWITCH TA2UOABAGPNTABWHT Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SERIES TA/LT
121
Phone: 612-504-3525
Fax: 612-531-8235
www.e-switch.com info@e-switch.com
PUSHBUTTON ASSEMBLIES
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
36
46
56
66
76
86
96
106
116
126
136
146
156
166
176
186
196
206
216
32.5
45
57.5
70
82.5
95
107.5 120 132.5 145 157.5 170 182.5 195 207.5 220 232.5 245 257.5
38.5
51
63.5
76
88.5 101 113.5 126 138.5 151 163.5 176 188.5 201 213.5 226 238.5 251 263.5
35
50
65
80
95
110
125
140
155
170
185
200
215
230
245
260
275
290
305
41
56
71
86
101
116
131
146
161
176
191
206
221
236
251
266
281
296
311
37.5
55
72.5
90
107.5 125 142.5 160 177.5 195 212.5 230 247.5 265 282.5 300 317.5 335 352.5
43.5
61
78.5
96
113.5 131 148.5 166 183.5 201 218.5 236 253.5 271 288.5 306 323.5 341 358.5
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
380
400
46
66
86
106
126
146
166
186
206
226
246
266
286
306
326
346
366
386
406
‘A’Dim.
‘B’Dim.
‘A’Dim.
‘B’Dim.
‘A’Dim.
‘B’Dim.
‘A’Dim.
‘B’Dim.
‘A’Dim.
‘B’Dim.
REFERENCE DIAGRAMS
STANDARD CHASSIS DIMENSIONS (refer to above schematics)
Tolerance ± .2m m
18
7
5
3
0P
2P
4P
6P
8P
10P
16P
0.4
3
3.3
3.3
10
M3
13
B
A
THE ABOVE EXAMPLE SHOWS:
• A 4 station TAs w i t c h
• 15mm spacing
• All buttons TAB/RED except station 3
which is TA B / W H T
• First 3 stations are 2 pole switches,
interlocked
• Station 4 is 4 pole momentary switch
• All switches have standard terminal
type A
WHEN ORDERING A S S E M B LY:
(See Next Page For Ordering Procedure)
1. When applicable, state whether
buttons are to be mounted horizontally
or vertically.
2. Please state if buttons are to be
shipped bulk.
3. State requirement for cut mounting
tabs on chassis in exception area.
4. Inquire about non-standard mounting
holes on chassis ends.
ASSEMBLY CHASSIS
Number of
Stations
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19 20
‘C’Dim.
10mm
‘C’Dim.
12.5mm
‘C’Dim.
15mm
‘C’Dim.
17.5mm
‘C’Dim.
20mm
CHASSIS & ASSEMBLY


Numéro de pièce similaire - TA2UOABAGPNTABWHT

FabricantNo de pièceFiches techniqueDescription
logo
Magnetrol International...
TA2 MAGNETROL-TA2 Datasheet
1Mb / 12P
   THERMATEL짰THERMALDISPERSION
logo
Tumbler Technologies + ...
TA2 TRUMPOWER-TA2 Datasheet
30Kb / 1P
   DC/DC CONVERTERS
logo
TiMOTION Technology Co....
TA2 TIMOTION-TA2 Datasheet
807Kb / 10P
   Max. load 1,000N (push/pull)
20230814-V
logo
Tumbler Technologies + ...
TA2-4D1205 TRUMPOWER-TA2-4D1205 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 4-6 Watt
TA2-4D1205 TRUMPOWER-TA2-4D1205 Datasheet
30Kb / 1P
   DC/DC CONVERTERS
More results

Description similaire - TA2UOABAGPNTABWHT

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com