Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4156BRUZ-RL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADF4156BRUZ-RL
Description  6 GHz Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4156BRUZ-RL Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADF4156BRUZ-RL Datasheet HTML 6Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 7Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 8Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 9Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 10Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 11Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 12Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 13Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADF4156
Rev. 0 | Page 10 of 24
REGISTER MAPS
FRAC/INT REGISTER (R0)
PHASE REGISTER (R1)
MOD/R REGISTER (R2)
FUNCTION REGISTER (R3)
CLKDIV REGISTER (R4)
DB31
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
M4
M3M2M1
N12
N11
N10
N9
RE-
SERVED
MUXOUT CONTROL
12-BIT INTEGER VALUE (INT)
12-BIT FRACTIONAL VALUE (FRAC)
CONTROL
BITS
N8
N7
N6
N5
N4
N3
N2
N1
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1 C3(0) C2(0) C1(0)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
00
000
0
0
0
0
RESERVED
12-BIT PHASE VALUE (PHASE) (DB)
CONTROL
BITS
0
0
0
0
0
0
0
0
P12
P11
P10
P9
P8
P7
P6
P5
P4
P3
P2
P1 C3(0) C2(0) C1(1)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
L2
L1
C1
CPI4 CPI3 CPI2 CPI1
0
P1
U2
U1
R5
R4
R3
R2
R1
M12 M11
M10
M9
M8
M7
M6
M5
M4
M3
M2
M1 C3(0) C2(1) C1(0)
NOISE
MODE
CURRENT
SETTING
5-BIT R COUNTER
CONTROL
BITS
12-BIT MODULUS WORD (DB)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
0
00
0
0
0
0
0
0
00
0
0
U12
0
00
0
0
0
U7
U6
U5
U4
U3 C3(0) C2(1) C1(1)
CONTROL
BITS
RESERVED
RESERVED
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
0
0
0
0
0
0
0
M2
M1
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
0
0
0
0
C3(1) C2(0) C1(0)
CONTROL
BITS
RESERVED
RESERVED
CLK
DIV
MODE
12-BIT CLOCK DIVIDER VALUE
DBB1
DBB1
DBB1
DBB1
1DBB = DOUBLE BUFFERED BIT.
Figure 16. Register Summary


Numéro de pièce similaire - ADF4156BRUZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
153Kb / 3P
   Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
More results

Description similaire - ADF4156BRUZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
ADF4157 AD-ADF4157 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com